Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6510VCACDG6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM6510VCACDG6F
Description  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510VCACDG6F Datasheet(HTML) 5 Page - STMicroelectronics

  STM6510VCACDG6F Datasheet HTML 1Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 2Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 3Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 4Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 5Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 6Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 7Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 8Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
STM6510
Description
Doc ID 16788 Rev 2
5/26
1
Description
1.1
Smart Reset™ devices
The Smart Reset™ device family STM65xx provides a useful feature that ensures
inadvertent short reset push-button closures do not cause system resets. This is done by
implementing an extended Smart Reset™ input delay (tSRC). Once the valid Smart Reset™
input levels and setup delay are met, the device generates an output reset pulse with user-
programmable timeout period (tREC).
The typical application hookup shows that the dual Smart Reset™ inputs can be also
connected to the applications interrupt to allow the control of both the interrupt pin and the
hard reset functions. If the push-buttons are closed for a short time, the processor is only
interrupted. If the system still does not respond properly, holding the push-buttons for the
extended setup time (tSRC) causes a hard reset of the processor through the reset output.
The Smart Reset™ feature helps significantly increase system stability.
The STM65xx family of Smart Reset™ devices consists of low-current microprocessor reset
circuits targeted at applications such as MP3 players, portable navigation devices or mobile
phones, generally any application that requires delayed reset push-button(s) response for
improved system stability. The STM65xx devices feature single or dual Smart Reset™
inputs (SRx). The delayed Smart Reset™ setup time (tSRC) options are adjustable by
adding an external capacitor on the SRC pin or selectable by three-state logic. The delayed
setup period ignores switch closures shorter than tSRC, thus preventing undesired resets.
The STM65xx devices have active-low (optionally active-high) open-drain reset (RST)
output(s) with or without an internal pull-up resistor or push-pull as output options, with or
without the power-on reset function.
Some devices also have an undervoltage monitoring feature: the reset output is also
asserted when the monitored supply voltage VCC drops below the specified threshold. The
reset output remains asserted for the reset timeout period (tREC) after the monitored supply
voltage goes above the specified threshold.
1.2
STM6510
The STM6510 has two combined Smart Reset™ inputs (SR0 and SR1) with Smart Reset™
setup delay (tSRC) programmed by an external capacitor on the SRC pin. An additional
STM6510 feature is adjustable output reset pulse time tREC by adding an external capacitor
(CtREC).
Additionally, the VCC is monitored and if it drops below the selected VRST threshold, the
reset output goes active and remains active while VCC is below the VRST threshold, plus the
defined duration of the reset pulse tREC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com