Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6510VCACDG6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM6510VCACDG6F
Description  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510VCACDG6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM6510VCACDG6F Datasheet HTML 11Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 12Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 13Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 14Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 15Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 16Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 17Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 18Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
STM6510
DC and AC parameters
Doc ID 16788 Rev 2
15/26
Table 6.
DC and AC characteristics
Symbol
Parameter
Test conditions(1)
Min.
Typ.(2)
Max.
Units
VCC
Supply voltage range
Reset output valid - active-low
1.0
5.5
V
ICC
Supply current (VCC)
VCC = 5.0 V
1.5
2.4
µA
VCC = 3.0 V
(3)
1.4
µA
VOL
Reset output voltage low
VCC ≥ 4.5 V, sinking 3.2 mA
0.3
V
VCC ≥ 3.3 V, sinking 2.5 mA
0.3
V
VCC ≥ 1.0 V, sinking 0.1 mA
0.3
V
VRST
VCC undervoltage reset
threshold (refer to Table 7)
–40 to +85 °C
VRST
–2.5%
VRST
VRST
+2.5%
V
25 °C
VRST
–2.0%
VRST
VRST
+2.0%
V
VHYST Hysteresis of VRST
L, M
0.5%
T, S, R, Z, Y, W, V
1%
VCC to reset delay
(4)
VCC falling from (VRST + 100 mV)
to (VRST - 100 mV) at 10 mV/µs
20
µs
tREC
(4)
User-adjustable reset timeout
period on RST. Refer to
Table 3.
10 000 x
CtREC
(µF)
15 000 x
CtREC
(µF)
20 000 x
CtREC
(µF)
ms
Smart Reset™ inputs
tSRC
(5)
User-adjustable delayed Smart
Reset™ setup time. Refer to
Table 2.
10 x
CSRC
(µF)
15 x
CSRC
(µF)
20 x
CSRC
(µF)
s
VIL
SR0, SR1 input voltage low
0.3 VCC
V
VIH
SR0, SR1 input voltage high
0.7 VCC
V
RPUI
Internal pull-up resistor, SR0,
SR1 inputs
65
k
Ω
1.
Valid for ambient operating temperature: TA = –40 to +85 °C; VCC = 1.0 to 5.5 V (except where noted).
2.
Typical value is at 25 °C and VCC = 3.3 V unless otherwise noted.
3.
For devices with VRST < 3.0 V.
4.
Guaranteed by design.
5.
Input glitch immunity is equal to tSRC (when both SR inputs are low, otherwise infinite).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com