Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU2DGF Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # EU2DGF
Description  SINTERED GLASS JUNCTION ULTRA FAST SWITCHING RECTIFIER VOLTAGE:100 TO 600V CURRENT: 1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

EU2DGF Datasheet(HTML) 1 Page - Gulf Semiconductor

  EU2DGF Datasheet HTML 1Page - Gulf Semiconductor EU2DGF Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A5
www.gulfsemi.com
EU2BGF THRU EU2JGF
SINTERED GLASS JUNCTION
ULTRA FAST SWITCHING RECTIFIER
VOLTAGE:100 TO 600V
CURRENT: 1.0A
FEATURE
DO-41
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.2
µA
Low power loss, high efficient
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
EU2BGF
EU2DGF
EU2GGF
EU2JGF
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
100
200
400
600
V
Maximum RMS Voltage
Vrms
70
140
280
420
V
Maximum DC blocking Voltage
Vdc
100
200
400
600
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
1.2
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
0.9 (IF=1.2A)
1.4 (IF=1.0A)
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
50
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
50
75
nS
Typical Junction Capacitance
(Note 2)
Cj
17
15
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50
60
°C
/W
Storage and Operating Temperature Range
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - EU2DGF

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
EU2DG GULFSEMI-EU2DG Datasheet
217Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:100 TO 600V CURRENT: 1.0A
More results

Similar Description - EU2DGF

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
BYT43JGP GULFSEMI-BYT43JGP Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RG1J GULFSEMI-RG1J Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RG2J GULFSEMI-RG2J Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
RGP10B-E GULFSEMI-RGP10B-E Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 100V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
RU2KGF GULFSEMI-RU2KGF Datasheet
224Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800V CURRENT: 1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com