Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE5B Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # FE5B
Description  SINTERED GLASS JUNCTION SUPERFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 5.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FE5B Datasheet(HTML) 1 Page - Gulf Semiconductor

  FE5B Datasheet HTML 1Page - Gulf Semiconductor FE5B Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
FE5B
SINTERED GLASS JUNCTION
SUPERFAST AVALANCHE RECTIFIER
VOLTAGE:
:
:
:100V
CURRENT: 5.0A
FEATURE
G-4
High temperature metallurgically bonded construction
Glass passivated cavity-free
Super fast recovery time for high efficiency
Low forward voltage, high current capability
Low leakage current
High surge current capability
MECHANICAL DATA
Case: G-4 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
FE5B
units
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC blocking Voltage
VDC
100
V
Maximum Average Forward Rectified Current 3/8”lead
length at Tl=55℃
IFAV
5.0
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
IFSM
135
A
Maximum Forward Voltage at rated Forward Current
and 25℃
VF
0.95
V
Maximum DC Reverse Current at
Ta= 25℃
rated DC blocking voltage
Ta= 100℃
IR
5.0
50.0
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance
(Note 2)
Cj
100.0
pF
Typical Thermal Resistance
(Note 3)
(Note4)
Rth(ja)
Rth(jl)
55.0
20.0
℃ /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375”(9.5mm) lead length and mounted on P.C. B.
4. Thermal Resistance from Junction to Leadt at 0.375”(9.5mm) lead length with both leads attached to heatsinks
RATINGS AND CHARACTERISTIC CURVES FE5B


Similar Part No. - FE5B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FE5B GE-FE5B Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
FE5B VISHAY-FE5B Datasheet
166Kb / 6P
Ultra Fast Sinterglass Diode
11-Aug-04
logo
New Jersey Semi-Conduct...
FE5B NJSEMI-FE5B Datasheet
88Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results

Similar Description - FE5B

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYM56C GULFSEMI-BYM56C Datasheet
70Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.5A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26D GULFSEMI-BYV26D Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYW54 GULFSEMI-BYW54 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE1.5G GULFSEMI-FE1.5G Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com