Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE925
Description  PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE925 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE925 Datasheet HTML 1Page - Texas Instruments CDCE925 Datasheet HTML 2Page - Texas Instruments CDCE925 Datasheet HTML 3Page - Texas Instruments CDCE925 Datasheet HTML 4Page - Texas Instruments CDCE925 Datasheet HTML 5Page - Texas Instruments CDCE925 Datasheet HTML 6Page - Texas Instruments CDCE925 Datasheet HTML 7Page - Texas Instruments CDCE925 Datasheet HTML 8Page - Texas Instruments CDCE925 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Y4
Y5
VDD
GND
Vctr
VDDOUT
Y1
VCXO
XO
LVCMOS
Y2
Y3
LV
CMOS
LV
CMOS
PLL1
WithSSC
LV
CMOS
LV
CMOS
LV
CMOS
PLL2
WithSSC
Xin/Clk 1
16 Xout
S0 2
15 S1/SDA
Vdd 3
14 S2/SCL
Vctr 4
13 Y1
GND 5
12 GND
Vddout 6
11 Y2
Y4 7
10 Y3
Y5 8
9 Vddout
Divider
and
Output
Control
S2/S1/S0 or
SDA/SCL
3
EEPROM
Programming
and
ControlRegister
CDCE925
CDCEL925
www.ti.com
SCAS847F – JULY 2007 – REVISED MARCH 2010
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V
LVCMOS OUTPUTS
Check for Samples: CDCE925, CDCEL925
1
FEATURES
•
Flexible Input Clocking Concept
234
•
Member of Programmable Clock Generator
–
External Crystal: 8 MHz to 32 MHz
Family
–
On-Chip VCXO: Pull Range ±150 ppm
–
CDCE913/CDCEL913: 1-PLL, 3 Outputs
–
Single-Ended LVCMOS up to 160 MHz
–
CDCE925/CDCEL925: 2-PLL, 5 Outputs
•
Selectable Output Frequency up to 230 MHz
–
CDCE937/CDCEL937: 3-PLL, 7 Outputs
•
Low-Noise PLL Core
–
CDCE949/CDCEL949: 4-PLL, 9 Outputs
–
PLL Loop Filter Components Integrated
•
Flexible Clock Driver
–
Low Period Jitter (Typ 60 ps)
–
Three User-Definable Control Inputs
•
1.8-V Device Power Supply
[S0/S1/S2] e.g., SSC Selection, Frequency
•
Separate Output Supply Pins
Switching, Output Enable or Power Down
–
CDCE925: 3.3 V and 2.5 V
–
Programmable SSC Modulation
–
CDCEL925: 1.8 V
–
Enables 0-PPM Clock Generation
•
Temperature Range –40°C to 85°C
–
Generates Common Clock Frequencies
•
Packaged in TSSOP
Used With Texas Instruments DaVinci™,
•
Development and Programming Kit for Easy
OMAP™, DSPs
PLL Design and Programming (TI Pro-Clock™)
–
Generates Highly Accurate Clocks for
Video, Audio, USB, IEEE1394, RFID,
APPLICATIONS
Bluetooth™, WLAN, Ethernet™, and GPS
•
D-TV, STB, IP-STB, DVD-Player, DVD-Recorder,
•
In-System Programmability and EEPROM
Printer
–
Serial Programmable Volatile Register
–
Nonvolatile EEPROM to Store Customer
Setting
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci, OMAP, Pro-Clock are trademarks of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG.
4
Ethernet is a trademark of Xerox Corporattion.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE925 TI-CDCE925 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE925 TI2-CDCE925 Datasheet
1Mb / 40P
CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
REVISED OCTOBER 2016
CDCE925PW TI2-CDCE925PW Datasheet
1Mb / 40P
CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
REVISED OCTOBER 2016
CDCE925PW.B TI2-CDCE925PW.B Datasheet
1Mb / 40P
CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
REVISED OCTOBER 2016
CDCE925PWG4 TI2-CDCE925PWG4 Datasheet
1Mb / 40P
CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
REVISED OCTOBER 2016
More results

Similar Description - CDCE925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com