Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE925
Description  PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE925 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCE925 Datasheet HTML 13Page - Texas Instruments CDCE925 Datasheet HTML 14Page - Texas Instruments CDCE925 Datasheet HTML 15Page - Texas Instruments CDCE925 Datasheet HTML 16Page - Texas Instruments CDCE925 Datasheet HTML 17Page - Texas Instruments CDCE925 Datasheet HTML 18Page - Texas Instruments CDCE925 Datasheet HTML 19Page - Texas Instruments CDCE925 Datasheet HTML 20Page - Texas Instruments CDCE925 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
CDCE925
CDCEL925
www.ti.com
SCAS847F – JULY 2007 – REVISED MARCH 2010
Table 9. Generic Configuration Register (continued)
Offset
(1)
Bit
(2)
Acronym
Default
(3)
Description
07h-0Fh
—
0h
Reserved – do not write other than 0
Table 10. PLL1 Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
10h
7:5
SSC1_7 [2:0]
000b
SSC1: PLL1 SSC Selection (Modulation Amount)(4)
4:2
SSC1_6 [2:0]
000b
Down
Center
000 (off)
000 (off)
1:0
SSC1_5 [2:1]
001 – 0.25%
001 ± 0.25%
000b
010 – 0.5%
010 ± 0.5%
11h
7
SSC1_5 [0]
011 – 0.75%
011 ± 0.75%
6:4
SSC1_4 [2:0]
000b
100 – 1.0%
100 ± 1.0%
101 – 1.25%
101 ± 1.25%
3:1
SSC1_3 [2:0]
000b
110 – 1.5%
110 ± 1.5%
0
SSC1_2 [2]
111 – 2.0%
111 ± 2.0%
000b
12h
7:6
SSC1_2 [1:0]
5:3
SSC1_1 [2:0]
000b
2:0
SSC1_0 [2:0]
000b
13h
7
FS1_7
0b
FS1_x: PLL1 Frequency Selection(4)
6
FS1_6
0b
0 – fVCO1_0 (predefined by PLL1_0 – Multiplier/Divider value)
1 – fVCO1_1 (predefined by PLL1_1 – Multiplier/Divider value)
5
FS1_5
0b
4
FS1_4
0b
3
FS1_3
0b
2
FS1_2
0b
1
FS1_1
0b
0
FS1_0
0b
14h
PLL1 Multiplexer:
0 – PLL1
7
MUX1
1b
1 – PLL1 Bypass (PLL1 is in power down)
Output Y2 Multiplexer:
0 – Pdiv1
6
M2
1b
1 – Pdiv2
Output Y3 Multiplexer:
00 – Pdiv1-Divider
01 – Pdiv2-Divider
5:4
M3
10b
10 – Pdiv3-Divider
11 – reserved
3:2
Y2Y3_ST1
11b
Y2, Y3-State0/1definition: 00 – Y2/Y3 disabled to 3-State (PLL1 is in power down)
01 – Y2/Y3 disabled to 3-State (PLL1 on)
10–Y2/Y3 disabled to low (PLL1 on)
1:0
Y2Y3_ST0
01b
11 – Y2/Y3 enabled (normal operation, PLL1 on)
15h
7
Y2Y3_7
0b
Y2Y3_x Output State Selection(4)
6
Y2Y3_6
0b
0 – state0 (predefined by Y2Y3_ST0)
1 – state1 (predefined by Y2Y3_ST1)
5
Y2Y3_5
0b
4
Y2Y3_4
0b
3
Y2Y3_3
0b
2
Y2Y3_2
0b
1
Y2Y3_1
1b
0
Y2Y3_0
0b
16h
PLL1 SSC down/center selection:
0 – down
7
SSC1DC
0b
1 – center
7-Bit Y2-Output-Divider Pdiv2:
0 – reset and stand-by
6:0
Pdiv2
01h
1-to-127 – divider value
17h
7
—
0b
Reserved – do not write others than 0
7-Bit Y3-Output-Divider Pdiv3:
0 – reset and stand-by
6:0
Pdiv3
01h
1-to-127 – divider value
(1)
Writing data beyond 30h may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
The user can predefine up to eight different control settings. In normal device operation, these settings can be selected by the external
control pins, S0, S1, and S2.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): CDCE925 CDCEL925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com