Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE925
Description  PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE925 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCE925 Datasheet HTML 18Page - Texas Instruments CDCE925 Datasheet HTML 19Page - Texas Instruments CDCE925 Datasheet HTML 20Page - Texas Instruments CDCE925 Datasheet HTML 21Page - Texas Instruments CDCE925 Datasheet HTML 22Page - Texas Instruments CDCE925 Datasheet HTML 23Page - Texas Instruments CDCE925 Datasheet HTML 24Page - Texas Instruments CDCE925 Datasheet HTML 25Page - Texas Instruments CDCE925 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
CDCE925
CDCEL925
SCAS847F – JULY 2007 – REVISED MARCH 2010
www.ti.com
REVISION HISTORY
Changes from Original (July 2007) to Revision A
Page
•
Changed the data sheet status From: Product Preview To: Production data. ..................................................................... 1
Changes from Revision A (August 2007) to Revision B
Page
•
Changed IDDPD Power-down current Typ value From: 20 To: 30 .......................................................................................... 6
•
Changed II LVCMOS Input current value From: ±5 Typ To: ±5 Max .................................................................................... 6
•
Changed IIH LVCMOS Input current for S0/S1/S2 value From: 5 Typ To: 5 Max ................................................................ 6
•
Changed IIL LVCMOS Input current for S0/S1/S2 value From: -4 Typ To: -4 Max .............................................................. 6
•
Changed text of Note 4 in the DEVICE CHARACTERISTIC table ....................................................................................... 7
•
Changed Figure 2, Test Load for 50-
Ω Board Environment ................................................................................................. 8
•
Changed Table 2 header From: OUTPUT SELECTION (Y2 ... Y9) To: OUTPUT SELECTION (Y2 ... Y5) ...................... 10
•
Changed Table 9 - 01h Bit 7 From: For interla use – always write To: Reserved – always write ..................................... 16
•
Changed Table 9 - PLL2_1N [11:4] description From: fVCO1_1 To: fVCO2_1 .......................................................................... 20
Changes from Revision B (August 2007) to Revision C
Page
•
Changed the PACKAGE THERMAL RESISTANCE for TSSOP table ................................................................................. 3
•
Changed Table 9 - RID From: 0h To: Xb ........................................................................................................................... 16
•
Added note to the PWDN description, Table 9 ................................................................................................................... 16
Changes from Revision C (December 2007) to Revision D
Page
•
Added Note 3: SDA and SCL can go up to 3.6V as stated in the Recommended Operating Conditions table. .................. 3
Changes from Revision D (September 2009) to Revision E
Page
•
Deleted sectence - A different default setting can be programmed on customer request. Contact Texas Instruments
sales or marketing representative for more information. .................................................................................................... 11
Changes from Revision E (October 2009) to Revision F
Page
•
Added PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511, 0<N<4096 to PLL1 and PLL2 Configure Register tables ............. 18
•
Added PLL settings limits: 16
≤q≤63, 0≤p≤7, 0≤r≤511, 0<N<511 to PLL Multiplier/Divder Definition Section .................... 21
22
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE925 CDCEL925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com