Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE925PW
Description  PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE925PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE925PW Datasheet HTML 9Page - Texas Instruments CDCE925PW Datasheet HTML 10Page - Texas Instruments CDCE925PW Datasheet HTML 11Page - Texas Instruments CDCE925PW Datasheet HTML 12Page - Texas Instruments CDCE925PW Datasheet HTML 13Page - Texas Instruments CDCE925PW Datasheet HTML 14Page - Texas Instruments CDCE925PW Datasheet HTML 15Page - Texas Instruments CDCE925PW Datasheet HTML 16Page - Texas Instruments CDCE925PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
1
7
1
1
8
1
1
S
Slave Address
A
DataByte
A
P
MSB
LSB
MSB
LSB
S
StartCondition
Sr
RepeatedStartCondition
1=Read(Rd)FromCDCE9xxDevice;0=Write(Wr)toCDCE9xxx
A
Acknowledge(ACK=0andNACK=1)
P
StopCondition
Master-to-Slave Transmission
Slave-to-Master Transmission
R/W
R/W
1
7
1
1
8
1
1
1
S
Slave Address
Wr
A
A
A
P
DataByte
CommandCode
8
1
7
1
1
1
1
1
1
S
Slave Address
Wr
A
A
S
Rd
A
8
1
1
DataByte
A
P
CommandCode
8
7
Slave Address
1
7
1
1
1
1
S
Slave Address
Wr
A
A
A
8
1
1
1
1
DataByte0
A
A
A
P
8
DataByteN-1
…
8
DataByte1
8
CommandCode
ByteCount=N
8
CDCE925
CDCEL925
www.ti.com
SCAS847F – JULY 2007 – REVISED MARCH 2010
COMMAND CODE DEFINITION
Table 6. Command Code Definition
BIT
DESCRIPTION
0 = Block Read or Block Write operation
7
1 = Byte Read or Byte Write operation
(6:0)
Byte Offset for Byte Read, Block Read, Byte Write and Block Write operation.
Generic Programming Sequence
Figure 7. Generic Programming Sequence
Byte Write Programming Sequence
Figure 8. Byte Write Protocol
Byte Read Programming Sequence
Figure 9. Byte Read Protocol
Block Write Programming Sequence
(1)
Data byte 0 bits [7:0] is reserved for Revision Code and Vendor Identification. Also, it is used for internal test purpose
and should not be overwritten.
Figure 10. Block Write Protocol
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCE925 CDCEL925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com