Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE925PW
Description  PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE925PW Datasheet(HTML) 3 Page - Texas Instruments

  CDCE925PW Datasheet HTML 1Page - Texas Instruments CDCE925PW Datasheet HTML 2Page - Texas Instruments CDCE925PW Datasheet HTML 3Page - Texas Instruments CDCE925PW Datasheet HTML 4Page - Texas Instruments CDCE925PW Datasheet HTML 5Page - Texas Instruments CDCE925PW Datasheet HTML 6Page - Texas Instruments CDCE925PW Datasheet HTML 7Page - Texas Instruments CDCE925PW Datasheet HTML 8Page - Texas Instruments CDCE925PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
EEPROM
Xin/CLK
Xout
VDD
GND
Vctr
VDDOUT
VCXO
XO
LVCMOS
Y2
Y1
Y3
LV
CMOS
Pdiv1
10-Bit
Y4
Y5
LV
CMOS
Pdiv5
7-Bit
Pdiv4
7-Bit
LV
CMOS
LV
CMOS
Pdiv3
7-Bit
Pdiv2
7-Bit
LV
CMOS
Programming
and
SDA/SCL
Register
InputClock
PLL Bypass
PLL 1
WithSSC
PLL Bypass
PLL 2
WithSSC
S0
S1/SDA
S2/SCL
CDCE925
CDCEL925
www.ti.com
SCAS847F – JULY 2007 – REVISED MARCH 2010
FUNCTIONAL BLOCK DIAGRAM for CDCE925, CDCEL925
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD
Supply voltage range
–0.5 to 2.5
V
VI
Input voltage range(2) (3)
–0.5 to VDD + 0.5
V
VO
Output voltage range(2)
–0.5 to VDD + 0.5
V
II
Input current (VI < 0, VI > VDD)
20
mA
IO
Continuous output current
50
mA
Tstg
Storage temperature range
–65 to 150
°C
TJ
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp–current ratings are observed.
(3)
SDA and SCL can go up to 3.6V as stated in the Recommended Operating Conditions table.
PACKAGE THERMAL RESISTANCE for TSSOP (PW) PACKAGE
(1)
over operating free-air temperature range (unless otherwise noted)
AIRFLOW
TSSOP16
PARAMETER
(lfm)
°C/W
0
101
150
85
TJA
Thermal Resistance Junction to Ambient
200
84
250
82
500
74
TJC
Thermal Resistance Junction to Case
42
TJB
Thermal Resistance Junction to Board
64
RqJT
Thermal Resistance Junction to Top
1.0
RqJB
Thermal Resistance Junction to Bottom
58
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCE925 CDCEL925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com