Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE925PW
Description  PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE925PW Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE925PW Datasheet HTML 11Page - Texas Instruments CDCE925PW Datasheet HTML 12Page - Texas Instruments CDCE925PW Datasheet HTML 13Page - Texas Instruments CDCE925PW Datasheet HTML 14Page - Texas Instruments CDCE925PW Datasheet HTML 15Page - Texas Instruments CDCE925PW Datasheet HTML 16Page - Texas Instruments CDCE925PW Datasheet HTML 17Page - Texas Instruments CDCE925PW Datasheet HTML 18Page - Texas Instruments CDCE925PW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
CDCE925
CDCEL925
www.ti.com
SCAS847F – JULY 2007 – REVISED MARCH 2010
SDA/SCL CONFIGURATION REGISTERS
The clock input, control pins, PLLs, and output stages are user configurable. The following tables and
explanations describe the programmable functions of the CDCE925/CDCEL925. All settings can be manually
written into the device via the SDA/SCL bus or easily programmed by using the TI Pro-Clock™ software. TI
Pro-Clock™ software allows the user to quickly make all settings and automatically calculates the values for
optimized performance at lowest jitter.
Table 7. SDA/SCL Registers
Address Offset
Register Description
Table
00h
Generic Configuration Register
Table 9
10h
PLL1 Configuration Register
Table 10
20h
PLL2 Configuration Register
Table 11
The grey-highlighted bits, described in the Configuration Registers tables in the following pages, belong to the
Control Terminal Register. The user can predefine up to eight different control settings. These settings then can
be selected by the external control pins, S0, S1, and S2. Table 8 explains the corresponding bit assignment
between the Control Terminal Register and the Configuration Registers.
Table 8. Configuration Register, External Control Terminals
Y1
PLL1 Settings
PLL2 Settings
Output
Frequency
SSC
Output
Frequency
SSC
Output
External Control Pins
Selection
Selection
Selection
Selection
Selection
Selection
Selection
S2
S1
S0
Y1
FS1
SSC1
Y2Y3
FS2
SSC2
Y4Y5
0
0
0
0
Y1_0
FS1_0
SSC1_0
Y2Y3_0
FS2_0
SSC2_0
Y4Y5_0
1
0
0
1
Y1_1
FS1_1
SSC1_1
Y2Y3_1
FS2_1
SSC2_1
Y4Y5_1
2
0
1
0
Y1_2
FS1_2
SSC1_2
Y2Y3_2
FS2_2
SSC2_2
Y4Y5_2
3
0
1
1
Y1_3
FS1_3
SSC1_3
Y2Y3_3
FS2_3
SSC2_3
Y4Y5_3
4
1
0
0
Y1_4
FS1_4
SSC1_4
Y2Y3_4
FS2_4
SSC2_4
Y4Y5_4
5
1
0
1
Y1_5
FS1_5
SSC1_5
Y2Y3_5
FS2_5
SSC2_5
Y4Y5_5
6
1
1
0
Y1_6
FS1_6
SSC1_6
Y2Y3_6
FS2_6
SSC2_6
Y4Y5_6
7
1
1
1
Y1_7
FS1_7
SSC1_7
Y2Y3_7
FS2_7
SSC2_7
Y4Y5_7
Address Offset(1)
04h
13h
10h–12h
15h
23h
20h–22h
25h
(1)
Address Offset refers to the byte address in the Configuration Register in Table 9, Table 10, and Table 11.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): CDCE925 CDCEL925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com