Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAST Datasheet(PDF) 10 Page - Texas Instruments

Part # PTH04T240FAST
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAST Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH04T240FAST Datasheet HTML 6Page - Texas Instruments PTH04T240FAST Datasheet HTML 7Page - Texas Instruments PTH04T240FAST Datasheet HTML 8Page - Texas Instruments PTH04T240FAST Datasheet HTML 9Page - Texas Instruments PTH04T240FAST Datasheet HTML 10Page - Texas Instruments PTH04T240FAST Datasheet HTML 11Page - Texas Instruments PTH04T240FAST Datasheet HTML 12Page - Texas Instruments PTH04T240FAST Datasheet HTML 13Page - Texas Instruments PTH04T240FAST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
Table 2. Output Voltage Set-Point Resistor Values
(Standard Values)(1)
OUTPUT VOLTAGE
SET POINT RESISTOR RSET
(VO) REQUIRED (V)
(k
Ω)
0.70
681
0.75
113
0.80
61.9
0.85
41.2
0.90
31.6
0.95
24.9
1.00
20.5
1.05
17.8
1.10
15.4
1.15
13.7
1.20
12.1
1.25
10.7
1.30
9.88
1.35
9.09
1.40
8.25
1.45
7.68
1.50
6.98
1.55
6.49
1.60
6.04
1.65
5.76
1.70
5.36
1.75
5.11
1.80
4.75
1.85
4.53
1.90
4.22
1.95
4.02
2.00
3.83
(1)
The minimum input voltage is 2.2 V or (VO + 0.5) V, whichever is
greater.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com