Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAST Datasheet(PDF) 13 Page - Texas Instruments

Part # PTH04T240FAST
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAST Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH04T240FAST Datasheet HTML 9Page - Texas Instruments PTH04T240FAST Datasheet HTML 10Page - Texas Instruments PTH04T240FAST Datasheet HTML 11Page - Texas Instruments PTH04T240FAST Datasheet HTML 12Page - Texas Instruments PTH04T240FAST Datasheet HTML 13Page - Texas Instruments PTH04T240FAST Datasheet HTML 14Page - Texas Instruments PTH04T240FAST Datasheet HTML 15Page - Texas Instruments PTH04T240FAST Datasheet HTML 16Page - Texas Instruments PTH04T240FAST Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
PTH04T240F
www.ti.com ............................................................................................................................................... SLTS293A – DECEMBER 2008 – REVISED MARCH 2009
Table 3. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max
Output Bus
Max
Ripple
Capacitor Vendor,
Working
ESR
Value
Current
Physical
Input
Type Series (Style)
Turbo-Trans
Voltage
at 100
Vendor Part No.
(
µF)
at 85°C
Size (mm)
Bus
Capacitor
(V)
kHz
(Irms)
Type(2)
(m
Ω)
(mA)
Panasonic
SP series (UE)
6.3
220
15
3000
7,3×4,3
2
B
≥ 5(2)
EEFUE0J221R
FC (Radial)
6.3
390
117
555
8 × 11,5
1
N/R(3)
EEUFC0J391
FK (SMD)
6.3
470
160
600
10 × 10,2
1
N/R(3)
EEVFK0J471P
United Chemi-Con
PTB, Poly-Tantalum (SMD)
6.3
330
25
2600
7,3×4,3×2,8
1
C
≥ 3(2)
6PTB337MD6TER
LXZ, Aluminum (Radial)
6.3
680
120
555
8 × 12
1
N/R(3)
LXZ6.3VB681M8X12LL
PS, Poly-Alum (Radial)
6.3
390
12
4770
8 × 11,5
1
B
≥ 3(2)
6PS390MH11
PT Poly-Tantalum (SMD)
6.3
330
40
3000
7,3×4,3
1
N/R(3)
6PT337MD8TER
PXA, Poly-Alum (Radial)
10
330
14
4420
8 × 12,2
1
B
≥ 3(2)
PXA10VC331MH12
Nichicon, Aluminum
WG (SMD)
10
470
150
670
10 × 10
1
N/R(3)
UWG1A471MNR1GS
HD (Radial)
10
470
72
760
8 × 11,5
1
N/R(3)
UHD1A471MPR
Panasonic, Poly-Aluminum
SE Series (SMD)
2.0
560
5
4000
7,3×4,3×4,2
N/R(4)
B
≥ 2(2)
EEFSE0J561R(VO≤ 1.6V)
(5)
Sanyo
TPE, POSCAP (SMD)
10
330
25
3300
7,3×4,3
1
C
≥31(2)
10TPE330MF
TPE, POSCAP (SMD)
2.5
470
7
4400
7,3×4,3
N/R(4)
B
≥ 2(2)
2R5TPE470M7
TPD, POSCAP (SMD)
2.5
1000
5
6100
7,3×4,3
N/R(4)
B
≥ 1(2)
2R5TPD1000M5
SEP, OS-CON (Radial)
6.3
470
15
4210
10 × 12
1
C
≥ 2(2)
6SEP470M
SVPA, OS-CON (Radial)
6.3
470
19
4130
10 × 7,9
1
C
≥ 2(2)
6SVPA470M
SVP, OS-CON (SMD)
10
330
25
3700
10 × 7,9
1
C
≥ 3(2)
10SVP330MX
AVX, Tantalum
TPM Multianode
10
330
23
3000
7,3×4,3×4,1
1
C
≥ 3(2)
TPME337M010R0035
TPS Series III (SMD)
10
330
40
1830
7,3×4,3×4,1
1
N/R(3)
TPSE337M010R0040
TPS Series III (SMD)
4
1000
25
2400
7,3×6,1×3.5
N/R(4)
N/R(3)
TPSV108K004R0035
Kemet, Poly-Tantalum
T520 (SMD)
10
330
25
2600
7,3×4,3×4,1
1
C
≥ 3(2)
T520X337M010ASE025
T530 (SMD)
6.3
330
15
3800
7,3×4,3×4,1
1
B
≥ 3(2)
T530X337M010ASE015(5)
T530 (SMD)
4
680
5
7300
7,3×4,3×4,1
N/R(4)
B
≥ 2(2)
T530X687M004ASE005
T530 (SMD)
2.5
1000
5
7300
7,3×4,3×4,1
N/R(4)
B
≥ 1(2)
T530X108M2R5ASE005
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products.
RoHS, Lead-free and Material Details
See the capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process requirements.
Component designators or part number deviations can occur when material composition or soldering requirements are updated.
(2)
Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
a. Type A = (100 < capacitance × ESR
≤ 1000) (Use Type A capacitors in addition to Type B or Type C)
b. Type B = (1,000 < capacitance × ESR
≤ 5,000)
c. Type C = (5,000 < capacitance × ESR
≤ 10,000)
(3)
Aluminum Electrolytic capacitor not recommended for TurboTrans due to higher ESR × capacitance products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(4)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(5)
The voltage rating of this capacitor only allows it to be used at a voltage that is equal to or less than 80% of the working voltage.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com