Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAST Datasheet(PDF) 26 Page - Texas Instruments

Part # PTH04T240FAST
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAST Datasheet(HTML) 26 Page - Texas Instruments

Back Button PTH04T240FAST Datasheet HTML 22Page - Texas Instruments PTH04T240FAST Datasheet HTML 23Page - Texas Instruments PTH04T240FAST Datasheet HTML 24Page - Texas Instruments PTH04T240FAST Datasheet HTML 25Page - Texas Instruments PTH04T240FAST Datasheet HTML 26Page - Texas Instruments PTH04T240FAST Datasheet HTML 27Page - Texas Instruments PTH04T240FAST Datasheet HTML 28Page - Texas Instruments PTH04T240FAST Datasheet HTML 29Page - Texas Instruments PTH04T240FAST Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
VTRK (1 V/div)
VO1 (1 V/div)
VO2 (1 V/div)
T − Time − 20 ms/div
VTRK (1 V/div)
VO1 (1 V/div)
VO2 (1 V/div)
T − Time − 200
µs/div
Prebias Startup Capability
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
Figure 23. Simultaneous Power Up
Figure 24. Simultaneous Power Down
With Auto-Track Control
With Auto-Track Control
A prebias startup condition occurs as a result of an external voltage being present at the output of a power
module prior to its output becoming active. This often occurs in complex digital systems when current from
another power source is backfed through a dual-supply logic component, such as an FPGA or ASIC. Another
path might be via clamp diodes as part of a dual-supply power-up sequencing arrangement. A prebias can cause
problems with power modules that incorporate synchronous rectifiers. This is because under most operating
conditions, these types of modules can sink as well as source output current.
The PTH family of power modules incorporate synchronous rectifiers, but does not sink current during startup(1),
or whenever the Inhibit pin is held low. However, to ensure satisfactory operation of this function, certain
conditions must be maintained(2). Figure 25 shows an application demonstrating the prebias startup capability.
The startup waveforms are shown in Figure 26. Note that the output current (IO) is negligible until the output
voltage rises above the voltage backfed through the intrinsic diodes.
The prebias start-up feature is not compatible with Auto-Track. When the module is under Auto-Track control, it
sinks current if the output voltage is below that of a back-feeding source. To ensure a pre-bias hold-off one of
two approaches must be followed when input power is applied to the module. The Auto-Track function must
either be disabled(3), or the module’s output held off (for at least 50 ms) using the Inhibit pin. Either approach
ensures that the Track pin voltage is above the set-point voltage at start up.
1. Startup includes the short delay (approximately 10 ms) prior to the output voltage rising, followed by the rise
of the output voltage under the module’s internal soft-start control. Startup is complete when the output
voltage has risen to either the set-point voltage or the voltage at the Track pin, whichever is lowest.
2. To ensure that the regulator does not sink current when power is first applied (even with a ground signal
applied to the Inhibit control pin), the input voltage must always be greater than the output voltage throughout
the power-up and power-down sequence.
3. The Auto-Track function can be disabled at power up by immediately applying a voltage to the module’s
Track pin that is greater than its set-point voltage. This can be easily accomplished by connecting the Track
pin to VI.
26
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com