Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF4002GP Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SF4002GP
Description  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SF4002GP Datasheet(HTML) 1 Page - Gulf Semiconductor

  SF4002GP Datasheet HTML 1Page - Gulf Semiconductor SF4002GP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SF4001GP THRU SF4007GP
SINTERED GLASS JUNCTION
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 1.0A
FEATURE
DO-41\DO-204AL
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.2
µA
Low power loss, high efficient
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
SF40
01GP
SF40
02GP
SF40
03GP
SF40
04GP
SF40
05GP
SF40
06GP
SF40
07GP
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.0
1.7
V
Maximum full load reverse current full cycle
average at 55
°C Ambient
Ir(av)
50
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
50
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
50
75
nS
Typical Junction Capacitance
(Note 2)
Cj
17
15
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50
60
°C
/W
Storage and Operating Temperature Range
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - SF4002GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF4002 VISHAY-SF4002 Datasheet
49Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
SF4002 VISHAY-SF4002 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
04-Aug-10
SF4002 VISHAY-SF4002 Datasheet
128Kb / 6P
Ultra-Fast Avalanche Sinterglass Diode
11-Sep-12
logo
SUNMATE electronic Co.,...
SF4002 SUNMATE-SF4002 Datasheet
143Kb / 3P
1A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
SF4002 VISHAY-SF4002 Datasheet
141Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
21-Feb-18
More results

Similar Description - SF4002GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4001GP GULFSEMI-1N4001GP Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4942GP GULFSEMI-1N4942GP Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 1.0A
BYD33D GULFSEMI-BYD33D Datasheet
123Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE200 TO 1000V CURRENT: 1.0A
BYV26AGP GULFSEMI-BYV26AGP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?200V to 1000V CURRENT: 1.0A
EG1MGF GULFSEMI-EG1MGF Datasheet
180Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GUF10D-E GULFSEMI-GUF10D-E Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 200V to 1000V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com