Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G17DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G17DBVT
Description  DUAL SCHMITT-TRIGGER BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G17DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G17DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
Seemechanicaldrawingsfordimensions.
DBVPACKAGE
(TOP VIEW)
DCKPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
2
GND
V
CC
5
3
4
2A
2Y
6
1
1A
1Y
3
4
2A
2
GND
2Y
5
1
1A
V
CC
6
1Y
2
GND
V
CC
1
5
1A
2A
4
3
2Y
6
1Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G17
www.ti.com............................................................................................................................................... SCES381I – JANUARY 2002 – REVISED OCTOBER 2009
DUAL SCHMITT-TRIGGER BUFFER
2
• Available in the Texas Instruments NanoFree™
• Typical V
OHV (Output VOH Undershoot)
Package
>2 V at VCC = 3.3 V, TA = 25°C
• Supports 5-V V
CC Operation
• I
off Supports Partial-Power-Down Mode
Operation
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
• Max t
pd of 5.4 ns at 3.3 V
JESD 78, Class II
• Low Power Consumption, 10-µA Max I
CC
• ESD Protection Exceeds JESD 22
• ±24-mA Output Drive at 3.3 V
–
2000-V Human-Body Model (A114-A)
• Typical V
OLP (Output Ground Bounce)
–
1000-V Charged-Device Model (C101)
<0.8 V at VCC = 3.3 V, TA = 25°C
This dual Schmitt-trigger buffer is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G17 contains two buffers and performs the Boolean function Y = A. The device functions as two
independent buffers, but because of Schmitt action, it may have different input threshold levels for positive-going
(VT+) and negative-going (VT–) signals.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G17DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17DBVT TI-SN74LVC2G17DBVT Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17DBVT TI-SN74LVC2G17DBVT Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17DBVT TI1-SN74LVC2G17DBVT Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
SN74LVC2G17DBVT TI2-SN74LVC2G17DBVT Datasheet
1Mb / 34P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
REVISED JANUARY 2015
SN74LVC2G17DBVT.B TI2-SN74LVC2G17DBVT.B Datasheet
1Mb / 34P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
REVISED JANUARY 2015
More results

Similar Description - SN74LVC2G17DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
DUAL SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
DUAL SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com