Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS1200 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UFS1200
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UFS1200 Datasheet(HTML) 1 Page - Gulf Semiconductor

  UFS1200 Datasheet HTML 1Page - Gulf Semiconductor UFS1200 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UFS1200
SURFACE MOUNT FAST
SWITCHING RECTIFIER
VOLTAGE:
:
:
:1200V
CURRENT:
:
:
: 1.0A
FEATURE
SMA/
/
/
/DO-214AC
Low power loss
High surge capability
Glass passivated chip junction
Fast recovery time for high efficiency
High temperature soldering guaranteed
260℃/10sec/at terminals
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated)
SYMBOL
UFS1200
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1200
V
Maximum RMS Voltage
Vrms
840
V
Maximum DC blocking Voltage
Vdc
1200
V
Maximum Average Forward Rectified
Current 3/8″lead length at Ta =55℃
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage at Forward current
1A Peak
Vf
1.5
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =125°C
Ir
10.0
100.0
µ
A
Maximum Reverse Recovery Time
(Note 1)
Trr
100
nS
Typical Junction Capacitance
(Note 2)
Cj
17.0
pF
Typical Thermal Resistance
(Note 3)
Rth(jl)
30
℃/W
Storage and Operating Junction Temperature
Tstg,Tj
-55 to +150
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction
to terminal mounted on 5×5mm copper pad area


Similar Part No. - UFS1200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFS120G MICROSEMI-UFS120G Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS120J MICROSEMI-UFS120J Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS120J MICROSEMI-UFS120J Datasheet
98Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - UFS1200

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1A GULFSEMI-ES1A Datasheet
104Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
GU1A GULFSEMI-GU1A Datasheet
233Kb / 3P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
GU1M-E GULFSEMI-GU1M-E Datasheet
151Kb / 2P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?1.0A
GU1Q-B GULFSEMI-GU1Q-B Datasheet
223Kb / 2P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SBYG23MG GULFSEMI-SBYG23MG Datasheet
122Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?.5A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
US1J GULFSEMI-US1J Datasheet
246Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com