Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # USB2J
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

USB2J Datasheet(HTML) 1 Page - Gulf Semiconductor

  USB2J Datasheet HTML 1Page - Gulf Semiconductor USB2J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
USB2J
SURFACE MOUNT FAST
SWITCHING RECTIFIER
VOLTAGE:
:
:
:600V
CURRENT:
:
:
:2.0A
FEATURE
SMB/
/
/
/DO-214AA
Ideal for surface mount pick and place application
Low profile package
Built-in strain relief
High surge capability
High temperature soldering guaranteed
260℃/10sec/at terminals
Glass passivated chip
Fast recovery time for high efficiency
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
USB2J
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
600
V
Maximum RMS Voltage
Vrms
420
V
Maximum DC blocking Voltage
Vdc
600
V
Maximum Average Forward Rectified
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine- wave superimposed on rated load
Ifsm
90.0
A
Maximum Instantaneous Forward Voltage at
rated forward current
Vf
1.6
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
100.0
µ
A
Maximum Reverse Recovery Time
(Note1 )
Trr
30
nS
Typical Junction Capacitance
(Note 2)
Cj
45.0
pF
Typical Thermal Resistance
(Note 3)
Rth(jl)
10.0
℃/W
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +150
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Units mounted on P.C.B with 2.0×2.0″copper pad areas


Similar Part No. - USB2J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-3013HUB ETC-USB2-3013HUB Datasheet
502Kb / 1P
The USB2-3013HUB is a USB 2.0 13 part hub that is quick and easy to install with driverless installation by taking advantage of windows and MAC built in USB drivers
13/10/11 V1.1
logo
Coolgear Inc.
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
USB 2.0 4-Port USB Serial DB
USB2-4COM-M-CBL COOLGEAR-USB2-4COM-M-CBL Datasheet
156Kb / 1P
4-Port RS-232 USB to Serial Adapter Octopus Cable DIN Rail
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
USB2-4COMI-SI-TB COOLGEAR-USB2-4COMI-SI-TB Datasheet
130Kb / 3P
422-485 Serial TB Adapter Isolation
More results

Similar Description - USB2J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
MU3D GULFSEMI-MU3D Datasheet
91Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
SBYG10DG GULFSEMI-SBYG10DG Datasheet
109Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
UESA06J GULFSEMI-UESA06J Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
UGS2J GULFSEMI-UGS2J Datasheet
114Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
UGSP03J GULFSEMI-UGSP03J Datasheet
111Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com