Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2J Datasheet (PDF) - Gulf Semiconductor

Part # USB2J
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
File Size   126.05 Kbytes
Html View  1   2 
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

USB2J Datasheet (PDF) - Gulf Semiconductor



Similar Part No. - USB2J

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB2-012 PROSIGNAL-USB2-012 Datasheet
29Kb / 1P
USB 2.0 Cable
USB2-021 PROSIGNAL-USB2-021 Datasheet
114Kb / 1P
USB 2.0 Extension Cable 1 Meter
V1.0 28/07/16
USB2-021. PROSIGNAL-USB2-021. Datasheet
114Kb / 1P
USB 2.0 Extension Cable 1 Meter
V1.0 28/07/16
USB2-062 PROSIGNAL-USB2-062 Datasheet
166Kb / 2P
Camera Cable
V1.0 22/04/13
USB2-062 PROSIGNAL-USB2-062 Datasheet
466Kb / 1P
USB2-062
2003.12.18
More results


Similar Description - USB2J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
MU3D GULFSEMI-MU3D Datasheet
91Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
SBYG10DG GULFSEMI-SBYG10DG Datasheet
109Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
UESA06J GULFSEMI-UESA06J Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
UGS2J GULFSEMI-UGS2J Datasheet
114Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
UGSP03J GULFSEMI-UGSP03J Datasheet
111Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com