Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2F702 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPD2F702
Description  TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2F702 Datasheet(HTML) 4 Page - Texas Instruments

  TPD2F702 Datasheet HTML 1Page - Texas Instruments TPD2F702 Datasheet HTML 2Page - Texas Instruments TPD2F702 Datasheet HTML 3Page - Texas Instruments TPD2F702 Datasheet HTML 4Page - Texas Instruments TPD2F702 Datasheet HTML 5Page - Texas Instruments TPD2F702 Datasheet HTML 6Page - Texas Instruments TPD2F702 Datasheet HTML 7Page - Texas Instruments TPD2F702 Datasheet HTML 8Page - Texas Instruments TPD2F702 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0.00E+00
2.00E-09
4.00E-09
6.00E-09
8.00E-09
1.00E-08
-5
-4
-3
-2
-1
0
1
2
3
4
5
DC Bias (Volt)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
frequency(Hz)
A1-C2
A2-C1
-40
-20
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
Time (ns)
-120
-100
-80
-60
-40
-20
0
20
40
0
25
50
75
100
125
150
175
200
Time (ns)
TPD2F702
SLLS986A – FEBRUARY 2010 – REVISED MARCH 2010
www.ti.com
TYPICAL OPERATING CHARACTERISTICS (continued)
Figure 3. Channel-to-Channel Crosstalk with No Termination for
Figure 4. IO Capacitance Versus IO Voltage (Measured at f = 100
the Non-Measuring Pins
kHz)
Figure 5. IEC Clamping Waveforms +8 kV Contact, Out Stressed
Figure 6. IEC Clamping Waveforms –8 kV Contact, Out Stressed
and In Measured
and In Measured
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD2F702



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com