Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2F702 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPD2F702
Description  TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2F702 Datasheet(HTML) 2 Page - Texas Instruments

  TPD2F702 Datasheet HTML 1Page - Texas Instruments TPD2F702 Datasheet HTML 2Page - Texas Instruments TPD2F702 Datasheet HTML 3Page - Texas Instruments TPD2F702 Datasheet HTML 4Page - Texas Instruments TPD2F702 Datasheet HTML 5Page - Texas Instruments TPD2F702 Datasheet HTML 6Page - Texas Instruments TPD2F702 Datasheet HTML 7Page - Texas Instruments TPD2F702 Datasheet HTML 8Page - Texas Instruments TPD2F702 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R = 15 W
GND
Ch_Out
Ch_In
IEC 61000-4-2
(Level 4) ESD
IEC 61000-4-2
(Level 1) ESD
C1 =
30 pF
C2 =
5000 pF
TPD2F702
SLLS986A – FEBRUARY 2010 – REVISED MARCH 2010
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
WCSP – YFK
Tape and reel
TPD2F702YFKR
5V
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
SCHEMATIC
(One of Two Channels)
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
Continuous IO voltage
–5.5
5.5
V
Total power dissipation
200
mW
TA
Characterized free-air operating temperature range
–40
85
°C
Reflow temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIO
Continuous IO voltage
–5
5
V
ESD RATINGS
ESD TYPE
TERMINAL
TYP
UNIT
Input
±4
IEC 61000-4-2 Contact Discharge
kV
Output
±30
Input
±4
IEC 61000-4-2 Air-Gap Discharge
kV
Output
±30
Input
±15
Human-Body Model
kV
Output
±15
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD2F702



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com