Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2F702 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPD2F702
Description  TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2F702 Datasheet(HTML) 3 Page - Texas Instruments

  TPD2F702 Datasheet HTML 1Page - Texas Instruments TPD2F702 Datasheet HTML 2Page - Texas Instruments TPD2F702 Datasheet HTML 3Page - Texas Instruments TPD2F702 Datasheet HTML 4Page - Texas Instruments TPD2F702 Datasheet HTML 5Page - Texas Instruments TPD2F702 Datasheet HTML 6Page - Texas Instruments TPD2F702 Datasheet HTML 7Page - Texas Instruments TPD2F702 Datasheet HTML 8Page - Texas Instruments TPD2F702 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
frequency(Hz)
A1-C2
A2-C1
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
Frequency (Hz)
(DC Bias @ 0.0V)
(DC Bias @ 2.5V)
3 dB drop/bias of 0.0 V
-3dB = 1.18 MHz
3 dB drop/bias of 2.5 V
-3 dB = 1.28 MHz
S21
TPD2F702
www.ti.com
SLLS986A – FEBRUARY 2010 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II = 1 mA
Input pin
±14
±18.2
VBR
DC break-down voltage
V
IO = 1 mA
Output pin
±14
±18.2
IIO
Current from input or output
VI or VO = 2.5 V
Input, output pins
0.01
0.1
mA
VI = 0 V, VOSC = 30 mV,
C1
Capacitance of the input terminal
Input pin
30
pF
f = 100 kHz
VO = 0 V, VOSC = 30 mV,
C2
Capacitance of the output terminal
Output pin
5000
pF
f = 100 kHz
R
Series resistor
12
15
18
Ω
Output clamp
1
Rdyn
Dynamic resistance
II = 1.5 A or IO = 1.5 A
Ω
Input clamp
3
fC
Cut-off frequency
ZSOURCE = 50 Ω, ZLOAD = 50 Ω
1.2
MHz
TYPICAL OPERATING CHARACTERISTICS
Figure 1. Insertion Loss
Figure 2. Channel-to-Channel Crosstalk with 50
Ω Termination
for the Non-Measuring Pins
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD2F702



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com