Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4521 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
1
2
3
4
8
7
6
5
V
IN+
PD
V
S-
V
OUT-
V
IN-
V
OCM
V
S+
V
OUT+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
S-
V
OUT1-
V
OUT1+
V
S1+
V
S-
V
OUT2-
V
OUT2+
V
S2+
PD
1
V
IN1+
V
IN1-
V
OCM1
PD
2
V
IN2+
V
IN2-
V
OCM2
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
DEVICE INFORMATION
THS4521
THS4522
SOIC-8, MSOP-8 (D, DGK PACKAGES)
TSSOP-16 (PW PACKAGE)
(TOP VIEW)
(TOP VIEW)
TERMINAL FUNCTIONS: THS4521
SOIC-8, MSOP-8
PIN NO.
NAME
DESCRIPTION
1
VIN–
Inverting amplifier input
2
VOCM
Common-mode voltage input
3
VS+
Amplifier positive power-supply input
4
VOUT+
Noninverting amplifier output
5
VOUT–
Inverting amplifier output
6
VS–
Amplifier negative power-supply input. Note that VS– is tied together on multi-channel devices.
Power down. PD = logic low puts device into low-power mode. PD = logic high or open for normal
7
PD
operation.
8
VIN+
Noninverting amplifier input
TERMINAL FUNCTIONS: THS4522
TSSOP-16
PIN NO.
NAME
DESCRIPTION
Power down 1. PD = logic low puts device into low-power mode. PD = logic high or open for normal
1
PD 1
operation.
2
VIN1+
Noninverting amplifier 1 input
3
VIN1–
Inverting amplifier 1 input
4
VOCM1
Common-mode voltage input 1
Power down 2. PD = logic low puts device into low-power mode. PD = logic high or open for normal
5
PD 2
operation.
6
VIN2+
Noninverting amplifier 2 input
7
VIN2–
Inverting amplifier 2 input
8
VOCM2
Common-mode voltage input 2
9
VS+2
Amplifier 2 positive power-supply input
10
VOUT2+
Noninverting amplifier 2 output
11
VOUT2–
Inverting amplifier 2 output
12
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
13
VS+1
Amplifier 1 positive power-supply input
14
VOUT1+
Noninverting amplifier 1 output
15
VOUT1–
Inverting amplifier 1 output
16
VS–
Negative power-supply input. Note that VS– is tied together on multi-channel devices.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com