Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4521 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
-
10
20
30
40
50
60
70
80
90
100
110
-
-
-
-
-
-
-
-
-
-
1
10
100
Frequency(MHz)
Second
Harmonic
Third
Harmonic
V
=3.3V
G=1V/V
R =1k
R =1k
S+
F
L
W
W
V
=2.0V
OUT
PP
-
50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
1
2
3
4
6
5
V
(V )
OUT
PP
Second
Harmonic
Third
Harmonic
V
=3.3V
G=1V/V
R =1k
R =1k
S+
F
L
W
W
f=1MHz
-
-
-
-
-
-
70
75
80
85
90
95
100
-
1
2
3
4
5
6
7
8
9
10
Gain(V/V)
Second
Harmonic
Third
Harmonic
V
=3.3V
R =1k
R =1k
f=1MHz
S+
F
L
PP
W
W
V
=2.0V
OUT
-
70
75
80
85
90
95
100
-
-
-
-
-
-
0
100
200
300
400
500 600
800
900
1k
Load( )
W
Second
Harmonic
Third
Harmonic
V
=3.3V
G=1V/V
R =1k
f=1MHz
S+
F
PP
W
V
=2.0V
OUT
-
30
40
50
60
70
80
90
100
-
-
-
-
-
-
-
Second
Harmonic
Third
Harmonic
V
=3.3V
G=1V/V
R =1k
R =1k
f=1MHz
S+
F
L
PP
W
W
V
=2.0V
OUT
0
0.5
1.0
1.5
2.0
2.5
3.0
V
(V)
OCM
-
10
20
30
40
50
60
70
80
90
100
110
-
-
-
-
-
-
-
-
-
-
1
10
100
Frequency(MHz)
Second
Intermodulation
Third
Intermodulation
V
=3.3V
G=1V/V
R =1k
R =1k
S+
F
L
PP
W
W
V
=2.0V
OUT
envelope
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS: VS+ – VS– = 3.3 V (continued)
At VS+ = +3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, and input and output referenced to midsupply, unless otherwise noted.
HARMONIC DISTORTION
HARMONIC DISTORTION vs FREQUENCY
vs VOUT AT 1 MHZ
Figure 7.
Figure 8.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs GAIN AT 1 MHZ
vs LOAD AT 1 MHZ
Figure 9.
Figure 10.
HARMONIC DISTORTION
TWO-TONE INTERMODULATION DISTORTION
vs VOCM AT 1 MHZ
vs FREQUENCY
Figure 11.
Figure 12.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com