Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4521 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
0.1
1
10
100
1000
Frequency (MHz)
5
0
5
10
15
20
25
-
-
-
-
-
FREQUENCY RESPONSE vs C
LOAD
R = 124
C = 10 pF
each output
W
O
L
R = 37.5
C = 100 pF each output
W
O
L
R = 7.15
C = 1000 pF each output
W
O
L
R = 150
C = 4.7 pF
each output
W
O
L
V
= 5.0 V, Gain = 1 V/V
S+
PP
R = 1 k
differential
R = 1 k
V
= 100 mV
F
L
OUT
W
W
1k
100
10
1
10
100
1000
C
(pF)
LOAD
RECOMMENDED R vs C
For Flat Frequency Response
O
LOAD
V
= 5.0 V
Gain = 1 V/V
S+
PP
R = 1 k
R = 1 k
Differential
V
= 100 mV
F
L
OUT
W
W
THS452x
24.9 W
1kW
1kW
1kW
1kW
24.9 W
V
OCM
PD
Open
Open
From
AP
Analyzer
V
OUT+
V
IN+
ToAP
Analyzer
V
S+
V
IN-
V
S-
0.22 F
m
0.22 F
m
V
OUT-
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
Driving Capacitive Loads
The THS4521, THS4522, and THS4524 family is
designed for a nominal capacitive load of 1 pF on
each output to ground. When driving capacitive loads
greater than 1 pF, it is recommended to use small
resistors (RO) in series with the output, placed as
close
to
the
device
as
possible.
Without
RO,
capacitance on the output interacts with the output
impedance of the amplifier and causes phase shift in
the loop gain of the amplifier that reduces the phase
margin. This reduction in phase margin results in
frequency response peaking; overshoot, undershoot,
and/or ringing when a step or square-wave signal is
applied; and may lead to instability or oscillation.
Inserting RO isolates the phase shift from the loop
gain path and restores the phase margin, but it also
limits bandwidth. Figure 66 shows the recommended
Figure 67. Frequency Response for Various RO
values of RO versus capacitive loads (CL), and
and CL Values, with RLOAD = 1 kΩ
Figure 67 shows an illustration of the frequency
response with various values.
Audio Performance
The
THS4521,
THS4522,
and
THS4524
family
provide excellent audio performance with very low
quiescent power. To show performance in the audio
band, the device was tested with a SYS-2722 audio
analyzer from Audio Precision. THD+N and FFT tests
were
performed
at
1-VRMS
output
voltage.
Performance is the same on both 3.3-V and 5-V
supplies. Figure 68 shows the test circuit used; see
Figure 69 and Figure 70 for the performance of the
analyzer using internal loopback mode (generator)
together with the THS4521.
Figure 66. Recommended Series Output Resistor
versus Capacitive Load for Flat Frequency
Response, with RLOAD = 1 kΩ
Figure 68. THS4521 AP Analyzer Test Circuit
28
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com