Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706PWR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDCE706PWR Datasheet HTML 29Page - Texas Instruments CDCE706PWR Datasheet HTML 30Page - Texas Instruments CDCE706PWR Datasheet HTML 31Page - Texas Instruments CDCE706PWR Datasheet HTML 32Page - Texas Instruments CDCE706PWR Datasheet HTML 33Page - Texas Instruments CDCE706PWR Datasheet HTML 34Page - Texas Instruments CDCE706PWR Datasheet HTML 35Page - Texas Instruments CDCE706PWR Datasheet HTML 36Page - Texas Instruments CDCE706PWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Cycle
−300
−250
−200
−150
−100
−50
0
50
100
150
200
250
300
1
1001
2001
3001
4001
5001
6001
7001
8001
9001
10001
G010
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
fVCO − VCO Frequency − MHz Set Point
G011
TA = 25°C
VCC = 3.3 V
M div = 4
N div = 15
P div = 3
fVCO − Frequency Range
for Normal-Speed Mode
fVCO − Frequency Range
for High-Speed Mode
High-Speed Mode > 180 MHz
Normal-Speed Mode < 200 MHz
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
Figure 28. Snapshot of Phase Jitter
Jitter depends on the VCO frequency (fVCO) of the PLL. A higher fVCO results in better jitter performance
compared to a lower fVCO. The VCO frequency can be defined via the M- and N-dividers of the PLL.
As the CDCE706 supports a wide frequency range, the device offers VCO frequency-selection bits, bits [7:5] of
byte 6. These bits define the jitter-optimized frequency range of each PLL. The user can select between the
normal-speed mode (80 MHz to 200 MHz) and the high-speed mode (180 MHz to 300 MHz). Figure 29 shows
the jitter performance over fVCO for the two frequency ranges.
Figure 29. Period Jitter vs fVCO for Normal-Speed Mode and High-Speed Mode
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com