Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706PWR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCE706PWR Datasheet HTML 31Page - Texas Instruments CDCE706PWR Datasheet HTML 32Page - Texas Instruments CDCE706PWR Datasheet HTML 33Page - Texas Instruments CDCE706PWR Datasheet HTML 34Page - Texas Instruments CDCE706PWR Datasheet HTML 35Page - Texas Instruments CDCE706PWR Datasheet HTML 36Page - Texas Instruments CDCE706PWR Datasheet HTML 37Page - Texas Instruments CDCE706PWR Datasheet HTML 38Page - Texas Instruments CDCE706PWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
foffset − Offset Frequency − Hz
G012
Phase Noise Comparison
fout = 135 MHz
27-MHz Crystal
Buffered Output
10
100
1k
10k
100k
1M
10M
fVCO = 270 MHz
fVCO = 135 MHz
PLL-Lock Time
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
Phase noise is a result of random and discrete noise causing a broad slope and spurious peaks. The discrete
spurious components could be caused by known clock frequencies in the signal source, power line interference,
and mixer products. The broadening caused by random noise fluctuation is due to phase noise. It can be the
result of thermal noise, shot noise, and/or flicker noise in active and passive devices.
An important factor for the PLL synthesizer is the loop bandwidth (–3-dB cutoff frequency)—large loop bandwidth
(LBW) results in fast transient response but less reference spur attenuation. The LBW of the CDCE706 is about
100 kHz to 250 kHz, depending on the selected PLL parameter.
For the CDCE706, two phase-noise characteristics are of interest, the phase noise of the crystal-input stage and
the phase noise of the internal PLL (VCO). Figure 32 shows the respective phase noise characteristic.
Figure 32. Phase Noise Characteristic
Some applications use frequency switching, e.g., changing frequency in a TV application (switching between
channels) or changing the PCI-X frequency in computers. The time spent by the PLL in achieving the new
frequency is of main interest. The lock time is the time it takes to jump from one specified frequency to another
specified frequency within a given frequency tolerance (see Figure 33). It should be low, because a long lock
time impacts the data rate of the system.
The PLL-lock time depends on the device configuration and can be changed by the VCO frequency, i.e., by
changing the M/N divider values. Table 7 gives the typical lock times of the CDCE706 and Figure 33 shows a
snapshot of a frequency switch.
Table 7. CDCE706 PLL Lock-Times
Description
Lock Time
Unit
Frequency change via reprogramming of N/M counter
100
µs
Frequency change via CLK_SEL pin (switching between CLK_IN0 and CLK_IN1)
100
µs
Power-up lock time with system clock
50
µs
Power-up lock time with 27-MHz crystal at CLK_IN0 and CLK_IN1
300(1)
µs
(1)
Is the result of crystal lock time (200
µs) and PLL lock time (100 µs).
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com