Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 5 Page - Texas Instruments

  CDCE706PWR Datasheet HTML 1Page - Texas Instruments CDCE706PWR Datasheet HTML 2Page - Texas Instruments CDCE706PWR Datasheet HTML 3Page - Texas Instruments CDCE706PWR Datasheet HTML 4Page - Texas Instruments CDCE706PWR Datasheet HTML 5Page - Texas Instruments CDCE706PWR Datasheet HTML 6Page - Texas Instruments CDCE706PWR Datasheet HTML 7Page - Texas Instruments CDCE706PWR Datasheet HTML 8Page - Texas Instruments CDCE706PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ABSOLUTE MAXIMUM RATINGS
PACKAGE THERMAL RESISTANCE
RECOMMENDED OPERATING CONDITIONS
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
Supply voltage range
–0.5 to 4.6
V
VI
Input voltage range(2)
–0.5 to VCC + 0.5
V
VO
Output voltage range(2)
–0.5 to VCC + 0.5
V
II
Input current (VI < 0, VI > VCC)
±20
mA
IO
Continuous output current
±50
mA
Tstg
Storage temperature range
–65 to 150
°C
TJ
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
for TSSOP20 (PW) Package
(1)
PARAMETER
AIRFLOW (LFM)
AIRFLOW (m/s)
°C/W
0
0
66.3
150
0.762
59.3
θ
JA
Thermal resistance, junction-to-ambient
250
1.27
56.3
500
2.54
51.9
θ
JC
Thermal resistance, junction-to-case
19.7
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Device supply voltage
3
3.3
3.6
V
VCCOUT1
(1)
Output Y0, Y1 supply voltage
2.3
3.6
V
VCCOUT2
(1)
Output Y2, Y3, Y4, Y5 supply voltage
2.3
3.6
V
VIL
Low-level input voltage, LVCMOS
0.3 VCC
V
VIH
High-level input voltage, LVCMOS
0.7 VCC
V
VIthresh
Input voltage threshold, LVCMOS
0.5 VCC
V
VI
Input voltage range, LVCMOS
0
3.6
V
|VID|
Differential input voltage
0.1
V
VIC
Common-mode for differential input voltage
0.2
VCC – 0.6
V
IOH/IOL
Output current (3.3 V)
±6
mA
IOH/IOL
Output current (2.5 V)
±4
mA
CL
Output load, LVCMOS
25
pF
TA
Operating free-air temperature
–40
85
°C
(1)
The minimum output voltage can be down to 1.8 V. See the CDCx706/x906 Termination and Signal Integrity Guidelines application
report (SCAA080) for more information.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com