Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG1 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # DG1
Description  Interface connector conforming to InfiniBand Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DG1 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  DG1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MB-0097-2
3/8
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Ordering Information
Materials and Finishes
Receptacle (DG1R025HS*, DG1R073HS*)
Plug (DG1P025****, DG1P073****)
Using Cable Harness
-Angle receptacle
DG1
R
*** 
H S
*
Series
Receptacle
*Refer to Note 1 below
Contact type
(SMT angle)
No. Of contacts
025: 25 pos.(4x)
073: 73 pos. (12x)
*Note 1
Plating
S: Contact area/ 0.76um Au plating,
Lead area/ Sn plating
Components
Materials/Finishes
Backshell
Zinc/ Nickel plating
Lock spring
Stainless steel
Lanyard
Polycarbonate(UL94V-0)
Screw
Steel/ Nickel plating
Insulator
Glass filled LCP/
Color: Black(UL94V-0)
Signal contact Copper alloy/ Au plating over
nickel (0.76um min.)
Ground contact Copper alloy/ Au plating over
nickel (0.76um min.)
Paddle card
FR-4
Cable clamp
Copper alloy/ Nickel plating
Ring
Copper alloy/ Nickel plating
Components
Materials/Finishes
Insulator
Glass filled LCP/
Color: Black(UL94V-0)
Shell
Steel/ Nickel plating
Signal contact
Ground contact
Lock plate
Steel/ Tin plating
Gasket
Stainless steel
Copper alloy/
Contact area: Au plating over Ni
(0.76um min.)
Terminal area: (S) Sn plating
Products
Mold boss
Metal boss height:
Xdimension(mm)
DG1R***HS1
No
2.325
DG1R***HS2
No
3.125
DG1R***HS3
No
4.8
DG1R***HS4
Location post
2.325
DG1R***HS5
Location post
3.125
DG1R***HS6
Location post
4.8
DG1R***HS7
Crush pin
2.325
DG1R***HS8
Crush pin
3.125
DG1R***HS9
Crush pin
4.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com