Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG1 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DG1
Description  Interface connector conforming to InfiniBand Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DG1 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DG1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/8
MB-0097-2
July 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Features
Applications
DG1 Series
Interface connector conforming to InfiniBand Standard
No. of contacts
<4x>:signal 8 pair 25 pos.
<12x>: signal 24 pair 73 pos.
Contact resistance: Initial 80m ohm max.
(20m ohm max. after test)
Dielectric withstanding voltage:
DC500V (per minute)
Operating temperature:
-25 to+70 Deg. C
Insertion/ Withdrawal force:
Insertion force
<4x>/ 56N max.
<12x>/ 73N max.
Withdrawal force <4x>/ 49N max.
<12x>/ 59N max.
Rated Current: 0.5A
Insulation resistance: 1000M ohm min.
Life time: 250 times
Impedance:100 ohm +/-10%(peak)
Crosstalk: Near-end 4% max.
Connector conforming to IBTA (InfiniBand Trade Association) Copper Cable
Standard 4x, 12x.
Receptacle with wide nozzle area for automatic mounting.
One-touch clip used for panel installation to receptacle
(compatible with panel thickness1.0mm and 0.8mm).
Shield cover for EMI prevention available for 12x receptacle.
2-step lock spring (lanyard) used for secure locking and release of
mated plug and receptacle.
Collaborative development of cable harness with GORE from U.S.A. proceeds.
A plug connector will be provided with cable harness.
Please contact us for further information.
This product is a high-speed signal connector for balance transmission compliant to
high-speed serial signal transmission of servers, routers, switches, external storage
and more.
Servers, Storages, Routers, Switches and Others
General Specifications
RoHS Compliant


Similar Part No. - DG1

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DG1 GE-DG1 Datasheet
52Kb / 2P
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED JUNCTION RECTIFIER
logo
StarPower Europe AG
DG10X06T1 STARPOWER-DG10X06T1 Datasheet
347Kb / 9P
600V/10A IGBT with Diode
10/2/2020
DG10X12T2 STARPOWER-DG10X12T2 Datasheet
479Kb / 9P
1200V/10A IGBT with Diode
11/5/2021
logo
Schurter Inc.
DG11 SCHURTER-DG11 Datasheet
801Kb / 7P
IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
DG11 SCHURTER-DG11 Datasheet
847Kb / 8P
IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
08.12.2021
More results

Similar Description - DG1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
ADPCM TRANSCODER CONFORMING TO G.721
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
logo
Japan Aviation Electron...
DC1 JAE-DC1 Datasheet
333Kb / 9P
HDMI Standard Digital Interface Connector
DP1 JAE-DP1 Datasheet
918Kb / 12P
DisplayPortTM Standard Digital Interface Connector
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
IX HIROSE-IX_18 Datasheet
296Kb / 6P
Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
Compact, Slim Relays Conforming to EN Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
Circular Connectors Conforming to JIS C 5432
logo
JST Mfg. Co., Ltd.
UBC JST-UBC Datasheet
110Kb / 2P
USB (Universal Serial Bus) Conforming Connector
logo
NXP Semiconductors
NXQ1TXA1 NXP-NXQ1TXA1 Datasheet
599Kb / 21P
Qi-standard conforming charger controller
Rev. 2 ??2 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com