Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG1 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # DG1
Description  Interface connector conforming to InfiniBand Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DG1 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  DG1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DG1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MB-0097-2
6/8
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
-D029-50197 (Clip for panel installation )
Compliant with 0.8mm-thick panel
PCI Standard
-D029-50199 (Clip for PCI panel installation)
Compliant with 1.0mm-thick panel
InfiniBand Standard
-D283-50016R (Shield cover for EMI)
EMI shield compliant only with
12x, at present.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com