Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2DS04FK2-R Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2DS04FK2-R
Description  Small Circular Connector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2DS04FK2-R Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  JN2DS04FK2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MB-0054-8
3/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
JAHL-5119
JAHL-5119
Instruction
Manual
500 mating cycles
500 mating cycles
Durability
Specification and Performance
Item
JACS-5119-2
JACS-5119
Product
Specification
Receptacle: Solder connection 18AWG
(Max.0.75mm2)
Plug: Solder connection (Max.1.25mm2)
Receptacle: Through-hole, solder
connection 22 AWG (0.3mm2) max.
Plug: Crimp connection 20 to 28 AWG
Solder connection 20AWG max.
Specification of
Wire Connection
-20 Deg. C to +100 Deg.C
-20 Deg. C to +100 Deg.C
Operating
Temperature
2.9 X 104 PA (per minute)
without leakage
2.9 X 104 PA (per minute)
without leakage
Airtightness
(Individually
Waterproofed)
IP67
IP67
Waterproof
1000M ohm min.
(DC500V energized)
1000M ohm min.
(DC500V energized)
Insulation
Resistance
2000VAC (per minute)
900VAC (per minute)
Withstanding
Voltage
200VAC (degree of pollution 3,
excess voltage category 3)
200VAC
Rated Voltage
5A/pin (#20 size contact)
3A/pin (#22 size contact)
Rated Current
4 pins
10 pins
No. of Contacts
Please refer to the drawings for each product for further information.
[JN2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com