Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2DS04FK2-R Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2DS04FK2-R
Description  Small Circular Connector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2DS04FK2-R Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  JN2DS04FK2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MB-0054-8
4/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
[JN1]
Component
Material / Finish
Receptacle
Pin insulator
Synthetic resin
Pin contact
Copper alloy / Au plating (10 pin),
Ag plating (4 pin.)
Relay Recepatacle Insulator
Synthetic resin
Assembly nut
Synthetic resin
Sraight endbell
Synthetic resin
O Ring
Synthetic rubber
Bushing*
Synthetic rubber
(Color: black/gray/brick red/dark green)
Grand nut
Synthetic resin
Pin contact (#22)
Au plating
Pin contact (#20)
Silver plating
Plug
Front insulator
Synthetic resin
Rear insulator
Synthetic resin
Coupling nut
Synthetic resin
Assembly nut
Synthetic resin
Angle endbell
Synthetic resin
Straight endbell
Synthetic resin
O Ring
Synthetic rubber
Bushing (*)
Synthetic rubber
(Color: black/gray/brick red/dark green)
Grand nut
Synthetic resin
Spring
Stainless steel
Spring pin
Stainless steel
Socket contact
Copper alloy / Au plating (10pin),
Silver plating (4pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com