Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2DS04FK2-R Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2DS04FK2-R
Description  Small Circular Connector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2DS04FK2-R Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  JN2DS04FK2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN2DS04FK2-R Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MB-0054-8
5/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
[JN2]
Component
Material / Finish
Receptacle Pin insulator
Synthetic resin
Shell
Zinc die-cast / Zinc plating
Pin contact
Copper alloy / Au plating (10 pin),
Silver plating (4 pin.)
Plug
Front insulator
Synthetic resin
Rear insulator
Synthetic resin
Coupling nut
Zinc die-cast / Zinc plating (Black)
Assembly nut
Zinc die-cast / Zinc plating (Black)
Angle endbell
Synthetic resin
Straight endbell
Synthetic resin
O Ring
Synthetic rubber
Bushing*
Synthetic rubber
(Color: black/gray/brick red/dark green)
Grand nut
Synthetic resin
Spring
Stainless steel
Spring pin
Stainless steel
Socket contact
Copper alloy / Au plating (10 pin),
Silver plating (4 pin)
*Color of bushing is determined by applicable wire size. (Same for JN1, JN2)
6.5 to 8.0 Dia.
Gray
5.7 to 7.3 Dia.
Black
3.5 to 5.0 Dia.
Brick Red
Applicable Cable
4.7 to 5.7 Dia.
Dark Green
4, 10 pos.
Color of Bushing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com