Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSM1060 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLSM1060
Description  Panel Circuit Indicators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSM1060 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLSM1060 Datasheet HTML 1Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 2Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 3Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 4Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 5Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 6Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 7Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 8Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1060(T18)
2010-01-27
1
TOSHIBA LED Lamps
TLRM1060(T18),TLRMM1060(T18),TLSM1060(T18)
TLOM1060(T18),TLYM1060(T18)
Panel Circuit Indicators
• Surface-mount devices
• 2.2 (L) mm × 1.4 (W) mm × 1.3 (H) mm
• Flat-top type
• InGaAℓP LEDs
• High luminous intensity
• Low drive current, high-intensity light emission
• Colors: red, orange, yellow
• High heat resistance: Topr / Tstg = −40 to 100°C
• Applications: Instrumental panel in Automotive equipment,
message signboards, Amusement, etc.
• Standard embossed tape packing: T18 (3000 pcs / reel)
4-mm pitch tape reel
Color and Material
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-2F1
Weight: 0.01 g (typ.)
Part Number
Color
Material
TLRM1060
Red
TLRMM1060
Red
TLSM1060
Red
TLOM1060
Orange
TLYM1060
Yellow
InGaAℓP


Similar Part No. - TLSM1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSM1050 TOSHIBA-TLSM1050 Datasheet
308Kb / 14P
TOSHIBA LED Lamp
TLSM1052 TOSHIBA-TLSM1052 Datasheet
340Kb / 14P
TOSHIBA LED Lamp
More results

Similar Description - TLSM1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com