Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSM1060 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLSM1060
Description  Panel Circuit Indicators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSM1060 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLSM1060 Datasheet HTML 1Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 2Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 3Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 4Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 5Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 6Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 7Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 8Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1060(T18)
2010-01-27
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Part Number
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRM1060
160
350
800
SA / TA / UA
TLRMM1060
160
450
800
SA / TA / UA
TLSM1060
250
650
1250
TA / UA / VA
TLOM1060
250
650
1250
TA / UA / VA
TLYM1060
250
600
1250
20
TA / UA / VA
Unit
mcd
mA
⎯
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
SA
160
320
TA
250
500
UA
400
800
VA
630
1250
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Part Number
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRM1060
⎯
644
⎯
14
624
630
638
TLRMM1060
⎯
636
⎯
14
620
626
634
TLSM1060
⎯
623
⎯
14
607
613
621
TLOM1060
⎯
612
⎯
14
599
605
613
TLYM1060
⎯
592
⎯
13
583
590
595
20
Unit
nm
nm
nm
mA
Handling precautions
This product is a product developed as a display source of light usage, and the measurement standard matched
to the sensitivity of human eyes is applied.
Therefore, functional usages (source of light for the sensor and the communication) other than the source of
light for the display are not intended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com