Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSM1060 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSM1060
Description  Panel Circuit Indicators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSM1060 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSM1060 Datasheet HTML 1Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 2Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 3Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 4Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 5Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 6Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 7Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 8Page - Toshiba Semiconductor TLSM1060 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1060(T18)
2010-01-27
2
Absolute Maximum Ratings (Ta = 25°C)
Part Number
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operation
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRM1060
TLRMM1060
TLSM1060
TLOM1060
TLYM1060
50
4
125
−40 to 100
−40 to 100
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current IR
Part Number
Min
Typ.
Max
IF
Max
VR
TLRM1060
1.8
2.1
2.5
TLRMM1060
1.8
2.1
2.5
TLSM1060
1.8
2.1
2.5
TLOM1060
1.8
2.2
2.5
TLYM1060
1.8
2.2
2.5
20
10
4
Unit
V
mA
μA
V
Ambient temperature Ta (°C)
IF – Ta
0
80
60
0
100
80
120
40
20
40
20
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com