Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5201 Datasheet(PDF) 2 Page - EPCOS

Part # B5201
Description  SAW IF Filter CDMA base station, Rx
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5201 Datasheet(HTML) 2 Page - EPCOS

  B5201 Datasheet HTML 1Page - EPCOS B5201 Datasheet HTML 2Page - EPCOS B5201 Datasheet HTML 3Page - EPCOS B5201 Datasheet HTML 4Page - EPCOS B5201 Datasheet HTML 5Page - EPCOS B5201 Datasheet HTML 6Page - EPCOS B5201 Datasheet HTML 7Page - EPCOS B5201 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Jul 16, 2008
B5201
183.6 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter
Data sheet
Revision History: Changes compared to previous iteration issue
ISSUE
ORIGINATOR
DETAIL SPEC CHANGES
DATE
0.1
M.Stoerkle
initial release
03.12.2007
LT64A
1.0
M. Stoerkle
selectivity around 185.5 MHz relaxed
IL improved to 12 dB
single ended matching proposal added
24.01.2008
B5201
2.0
M. Stoerkle
fc adjusted to enable widened passband
spec(+/-0.68 MHz) and improve selectivity at up-
per stopband to initial DG value
16.07.2008



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com