Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5201 Datasheet(PDF) 4 Page - EPCOS

Part # B5201
Description  SAW IF Filter CDMA base station, Rx
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5201 Datasheet(HTML) 4 Page - EPCOS

  B5201 Datasheet HTML 1Page - EPCOS B5201 Datasheet HTML 2Page - EPCOS B5201 Datasheet HTML 3Page - EPCOS B5201 Datasheet HTML 4Page - EPCOS B5201 Datasheet HTML 5Page - EPCOS B5201 Datasheet HTML 6Page - EPCOS B5201 Datasheet HTML 7Page - EPCOS B5201 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Jul 16, 2008
B5201
183.6 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter
Data sheet
Characteristics
Operating temperature range:
T = 0 to +85 ˚C
Terminating source impedance: ZS=1 kΩ || 0.75 pF bal or 50 Ω single ended and matching network
Terminating load impedance:
ZL=1 kΩ || 0.75 pF bal or 50 Ω single ended and matching network
min.
typ.
@ 25˚C
max.
Nominal frequency
fN
—
183.6
—
MHz
Minimum insertion attenuation
α
min
—
10
12.0
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
1.36
1.57
—
MHz
α
rel ≤ 40 dB
B40dB
—
3.1
3.6
MHz
Amplitude ripple (p-p)
fN ± 0.68 MHz
∆α
—
0.4
1.0
dB
Phase ripple (rms)
fN ± 0.68 MHz
∆ϕ
—
0.9
2.0
˚ rms
Absolute group delay
τ
mean value within fN ± 0.68 MHz at 25 ˚C
—
2120
—
ns
Error vector magnitude
fN ± 0.68 MHz
EVM
—
2.0
3.5
%
Alternate channel suppression
ACS
fN ± 1.845 MHz ... fN ± 3.075 MHz
—
53 1)
1) for balanced operation degraded to 44 dB typical
—dB
Relative attenuation (relative to
α
min)
α
rel
fN ± 1.8 MHz ...fN ± 40 MHz
40
471)
—
dB
VSWR (input and output) fN ± 0.68 MHz
—
1.5:1
2.0:1
Temperature coefficient of frequency 2)
2)
Temperature dependance of fc:fc(TA) = fc(T0) (1 + TCf(TA – T0)2)
TCf
—
–0.036
—
ppm/K2
Turnover temperature
T0
—35
—
˚C
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input Power
PIN
10
dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com