Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5201 Datasheet(PDF) 5 Page - EPCOS

Part # B5201
Description  SAW IF Filter CDMA base station, Rx
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5201 Datasheet(HTML) 5 Page - EPCOS

  B5201 Datasheet HTML 1Page - EPCOS B5201 Datasheet HTML 2Page - EPCOS B5201 Datasheet HTML 3Page - EPCOS B5201 Datasheet HTML 4Page - EPCOS B5201 Datasheet HTML 5Page - EPCOS B5201 Datasheet HTML 6Page - EPCOS B5201 Datasheet HTML 7Page - EPCOS B5201 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Jul 16, 2008
B5201
183.6 MHz
SAW Components
Low-Loss Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Matching network to 1 k
Ω || 0.75 pF balanced:
(element values depend on PCB layout):
Ls1 = 68 nH
Lp2 = 33 nH
Lp3 = 39 nH
Ls4 = 220 nH
Matching network to 50
Ω single ended :
(element values depend on PCB layout):
Cp1 = 56 pF
Ls2 = 47 nH
Ls3 = 47 nH
Cp4 = 47 pF
Ls1
Ls1
1 k
Ω II 0.75 pF
Lp2
Lp3
Ls4
Ls4
1 k
Ω II 0.75 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com