Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT Datasheet(PDF) 3 Page - Schurter Inc.

Part # MAT
Description  Special Fuse, 14 x 50 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MAT Datasheet(HTML) 3 Page - Schurter Inc.

  MAT Datasheet HTML 1Page - Schurter Inc. MAT Datasheet HTML 2Page - Schurter Inc. MAT Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NON RESETTABLE FUSES
T
TIIM
ME
E--C
CU
UR
RR
RE
EN
NT
T C
CU
UR
RV
VE
ES
S
www.schurter.com
Time-Current Curves
M
MA
AT
T
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com