Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT Datasheet(PDF) 1 Page - Schurter Inc.

Part # MAT
Description  Special Fuse, 14 x 50 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MAT Datasheet(HTML) 1 Page - Schurter Inc.

  MAT Datasheet HTML 1Page - Schurter Inc. MAT Datasheet HTML 2Page - Schurter Inc. MAT Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NON RESETTABLE FUSES
M
MA
AT
T
www.schurter.com
MAT
Special Fuse, 14 x 50 mm
D
DT
TC
CN
N ·· 5
50
00
0 V
VA
AC
C ·· 2
25
50
0 V
VD
DC
C ·· T
Tiim
me
e--L
La
ag
g T
T
D
De
es
sc
crriip
pttiio
on
n
- High Breaking Capacity
S
Stta
an
nd
da
arrd
ds
s
- DTCN: T/5920 CC
R
Re
effe
erre
en
nc
ce
es
s
General Product Information
Time-Current Curves see last page
W
We
eb
blliin
nk
ks
s
Approvals: http://www.schurter.com/approvals
RoHS: http://www.schurter.com/rohs
T
Te
ec
ch
hn
niic
ca
all D
Da
atta
a
Rated Voltage
500 VAC, 250 VDC
Rated Current
1 - 20 A
Breaking Capacity
100 kA
Characteristic
Time-Lag T
Admissible Ambient Air Temp.
-40 °C to 55 °C
Climatic Category
40/055/21 acc. to IEC 60068-1
Material: Tube
Ceramic
Unit Weight
25 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Voltage Rating
D
Diim
me
en
ns
siio
on
ns
s
Length
50 mm
13
13
3
50
+1.5
P
Prre
e--A
Arrc
ciin
ng
g T
Tiim
me
e
R
Raatteed
d C
Cu
urrrreen
ntt IIn
n
1
1..2
25
5 xx IIn
n
m
miin
n..
1
1..6
65
5 xx IIn
n
m
maaxx..
2
2..0
0 xx IIn
n
m
miin
n..
5
5..0
0 xx IIn
n
m
miin
n..
5
5..0
0 xx IIn
n
m
maaxx..
1
10
0..0
0 xx IIn
n
m
miin
n..
1
10
0..0
0 xx IIn
n
m
maaxx..
1 A - 20 A
60 min
60 min
2.5 s
30 ms
2.5 s
8 ms
200 ms


Similar Part No. - MAT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAT MACOM-MAT Datasheet
102Kb / 2P
TO-5 HIGH-PERFORMANCE RELAYS
logo
United Automation Ltd. ...
MAT UNITEDAUTOMATION-MAT Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
logo
Sennheiser electronic S...
MAT 153-S SENNHEISER-MAT 153-S Datasheet
640Kb / 3P
Gooseneck Microphone and Tablestand
MAT 153-S B - BLACK SENNHEISER-MAT 153-S B - BLACK Datasheet
640Kb / 3P
Gooseneck Microphone and Tablestand
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
More results

Similar Description - MAT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
70208510 SCHURTER-70208510 Datasheet
337Kb / 2P
Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
MADM SCHURTER-MADM Datasheet
339Kb / 2P
Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
Cooper Bussmann, Inc.
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
14 x 51 mm Photovoltaic fuse links
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
14 x 65 mm Photovoltaic fuse links
logo
Schurter Inc.
MADM SCHURTER-MADM_18 Datasheet
226Kb / 3P
Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
logo
Schneider Electric
GK1EM SCHNEIDER-GK1EM Datasheet
140Kb / 2P
TeSys fuse-disconnector - 4P - 50A - fuse size 14 x 51 mm
Jul 12, 2021
logo
Schurter Inc.
7020.8510 SCHURTER-7020.8510_V01 Datasheet
241Kb / 2P
Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
logo
Schneider Electric
GK1EK SCHNEIDER-GK1EK_V01 Datasheet
167Kb / 2P
TeSys fuse-disconnector - 3P - 50A - fuse size 14 x 51 mm
Jun 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com