Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT Datasheet(PDF) 2 Page - Schurter Inc.

Part # MAT
Description  Special Fuse, 14 x 50 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MAT Datasheet(HTML) 2 Page - Schurter Inc.

  MAT Datasheet HTML 1Page - Schurter Inc. MAT Datasheet HTML 2Page - Schurter Inc. MAT Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NON RESETTABLE FUSES
M
MA
AT
T
www.schurter.com
V
Va
arriia
an
ntts
s
O
Orrd
deerr N
Nu
um
mb
beerr
R
Raatteed
d C
Cu
urr--
rreen
ntt [[A
A]]
R
Raatteed
d V
Vooll--
ttaag
gee [[V
VA
AC
C]]
R
Raatteed
d V
Vooll--
ttaag
gee [[V
VD
DC
C]]
B
Brreeaakkiin
ng
g
C
Caap
paacciittyy
V
Voollttaag
gee D
Drroop
p
1
1..0
0 IIn
n ttyyp
p [[m
mV
V]]
7025.5110
1
500
250
1)
1600
7025.5120
2
500
250
1)
600
7025.5130
4
500
250
1)
680
7025.5140
6
500
250
1)
420
7025.5150
10
500
250
1)
110
7025.5170
15
500
250
1)
105
7025.5160
20
500
250
1)
100
1) 100 kA @ 500 VAC , p.f.
≥
0.15 / 10 kA @ 250 VDC , L/R < 10 ms
P
Pa
ac
ck
ka
ag
giin
ng
g U
Un
niitt
Small Box Pack (10 pcs.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com