Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2103P Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2103P
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2103P Datasheet(HTML) 2 Page - RF Micro Devices

  RF2103P Datasheet HTML 1Page - RF Micro Devices RF2103P Datasheet HTML 2Page - RF Micro Devices RF2103P Datasheet HTML 3Page - RF Micro Devices RF2103P Datasheet HTML 4Page - RF Micro Devices RF2103P Datasheet HTML 5Page - RF Micro Devices RF2103P Datasheet HTML 6Page - RF Micro Devices RF2103P Datasheet HTML 7Page - RF Micro Devices RF2103P Datasheet HTML 8Page - RF Micro Devices RF2103P Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-2
RF2103P
Rev B1 010720
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.5
VDC
Power Down Voltage (VPD)-0.5 to +5
V
DC Supply Current
350
mA
Input RF Power
+12
dBm
Output Load VSWR
10:1
Operating Case Temperature
-40 to +100
°C
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=5.8V, VPD=5.0V,
ZLOAD=18Ω,PIN=0dBm, Freq=915MHz
Frequency Range
450 to 1000
MHz
Maximum Output Power
+28.8
dBm
VCC=7.5V
Maximum Output Power
+26.5
dBm
VCC=5.8V
Second Harmonic
-24
dBc
Without external second harmonic trap
Third Harmonic
-30
dBc
Output Noise Power
<-125
dBm/Hz
Input Impedance
50
With external matching network; see appli-
cation schematic
Input VSWR
<2:1
With external matching network; see appli-
cation schematic
Output Impedance
18+j0
Load Impedance for Optimal Match
Nominal 5.8V
Configuration
VCC=5.8V, VPD=4.0V, ZLOAD=18Ω,
PIN=0dBm, Freq=830MHz
Linear Power Gain
31
dB
Saturated CW Output Power
24
+26.5
dBm
IM3
-40
-25
dBc
POUT=+18.5dBm/tone
IM5
-45
-30
dBc
POUT=+18.5dBm/tone
Collector Current, ICC
175
250
mA
Total of pins 7 and 8
VPD Current
<3.5
mA
Into pin 4
CW Total Efficiency
47
%
Two Tone Total Efficiency
26
%
POUT=+18.5dBm/tone
Power Supply
Power Supply Voltage
2.7 to 7.5
V
Power Supply Idle Current
45
80
mA
Total "OFF" Current Drain
1
10
µA
VPD<0.1VDC
Turn-on Time
<100
ns
VPD=0 to VPD=+4VDC
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com