Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2103P Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2103P
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2103P Datasheet(HTML) 5 Page - RF Micro Devices

  RF2103P Datasheet HTML 1Page - RF Micro Devices RF2103P Datasheet HTML 2Page - RF Micro Devices RF2103P Datasheet HTML 3Page - RF Micro Devices RF2103P Datasheet HTML 4Page - RF Micro Devices RF2103P Datasheet HTML 5Page - RF Micro Devices RF2103P Datasheet HTML 6Page - RF Micro Devices RF2103P Datasheet HTML 7Page - RF Micro Devices RF2103P Datasheet HTML 8Page - RF Micro Devices RF2103P Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-5
RF2103P
Rev B1 010720
2
Evaluation Board Schematic
915MHz Operation
(Download Bill of Materials from www.rfmd.com.)
SMA
J1
P1-3
P1-1
P1-1
0.01" x 0.2"
(PCB mat'l: FR-4,
Thickness: 0.031")
C10
100 pF
C2
100 pF
C3
100 pF
C9
100 pF
L2
3.3 nH
P1-1
C4
4pF
RF IN
L1
6.8 nH
C7
2pF
C5
330 pF
RF OUT
J2
2103400 Rev C
50
Ω Matching Network
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BIAS
CIRCUITS
FPA
PRE
AMP
L3
12 nH
C1
100 pF
L4
6.8 nH
R1
22
Ω
P1-1
P1-3
P1
VCC
GND
VB
1
2
3
C8
1nF
C6
1nF
50
Ω µ strip
50
Ω µ strip



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com