Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2103P Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2103P
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2103P Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2103P Datasheet HTML 2Page - RF Micro Devices RF2103P Datasheet HTML 3Page - RF Micro Devices RF2103P Datasheet HTML 4Page - RF Micro Devices RF2103P Datasheet HTML 5Page - RF Micro Devices RF2103P Datasheet HTML 6Page - RF Micro Devices RF2103P Datasheet HTML 7Page - RF Micro Devices RF2103P Datasheet HTML 8Page - RF Micro Devices RF2103P Datasheet HTML 9Page - RF Micro Devices RF2103P Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2-8
RF2103P
Rev B1 010720
2
IM3, IM5, and IM2 vs. Pout
Vcc=Vb=3.6 V, 915 MHz
-60
-50
-40
-30
-20
-10
0
-15
-10
-5
0
5
10
15
20
25
Pout per Tone (dBm)
IM3
IM5
IM2
Harmonics vs. Pout
Vcc=Vb=3.6 V, 915 MHz
-60
-50
-40
-30
-20
-10
0
5
10
1520
2530
Fundamental Pout (dBm)
2Fo
3Fo
4Fo
5Fo
6Fo
7Fo
IM3, IM5, and IM2 vs. Pout
Vcc=Vb=4.8 V, 915 MHz
-60
-50
-40
-30
-20
-10
0
-15
-10
-5
0
5
10
15
20
25
Pout per Tone (dBm)
IM3
IM5
IM2
Harmonics vs. Pout
Vcc=Vb=4.8 V, 915 MHz
-60
-50
-40
-30
-20
-10
0
5
10
1520
2530
Fundamental Pout (dBm)
2Fo
3Fo
4Fo
5Fo
6Fo
7Fo
IM3, IM5, and IM2 vs. Pout
Vcc=6.0 V, Vb=5.0 V, 915 MHz
-60
-50
-40
-30
-20
-10
0
-15
-10
-5
0
5
10
15
20
25
Pout per Tone (dBm)
IM3
IM5
IM2
Harmonics vs. Pout
Vcc=6.0 V,Vb=5.0 V, 915 MHz
-60
-50
-40
-30
-20
-10
0
5
10
1520
2530
Fundamental Pout (dBm)
2Fo
3Fo
4Fo
5Fo
6Fo
7Fo



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com