Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2131PCBA Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2131PCBA
Description  HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2131PCBA Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2131PCBA Datasheet HTML 2Page - RF Micro Devices RF2131PCBA Datasheet HTML 3Page - RF Micro Devices RF2131PCBA Datasheet HTML 4Page - RF Micro Devices RF2131PCBA Datasheet HTML 5Page - RF Micro Devices RF2131PCBA Datasheet HTML 6Page - RF Micro Devices RF2131PCBA Datasheet HTML 7Page - RF Micro Devices RF2131PCBA Datasheet HTML 8Page - RF Micro Devices RF2131PCBA Datasheet HTML 9Page - RF Micro Devices RF2131PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-104
RF2131
Rev B4 010417
2
Application Schematic 1
Optimized for Efficiency at 4.8V
This schematic defines the optimum configuration for maximum efficiency at 4.8V. Under these conditions, as can be
seen in the data plots, the power drops at 4.0 V. Over 70% power-added efficiency can be achieved at +30.8 dBm with
4.8 V and +8dBm input level with this implementation.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BIAS
100 nF
100 pF
RF IN
10 nF
V
CC
10 nF
100 pF
10 nH
4.7 pF
10 nH
4.7 pF
2.7 nH
100 pF
RF OUT
5.6 pF
33 pF
V
CC
100 pF
100 nF
33 pF
V
CC
0.200"
VPC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com