Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2131PCBA Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2131PCBA
Description  HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2131PCBA Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2131PCBA Datasheet HTML 2Page - RF Micro Devices RF2131PCBA Datasheet HTML 3Page - RF Micro Devices RF2131PCBA Datasheet HTML 4Page - RF Micro Devices RF2131PCBA Datasheet HTML 5Page - RF Micro Devices RF2131PCBA Datasheet HTML 6Page - RF Micro Devices RF2131PCBA Datasheet HTML 7Page - RF Micro Devices RF2131PCBA Datasheet HTML 8Page - RF Micro Devices RF2131PCBA Datasheet HTML 9Page - RF Micro Devices RF2131PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2-106
RF2131
Rev B4 010417
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BIAS
C11
100 nF
VPC
VCC
C10
10 nF
C12
10
nF
C1
100 pF
50
Ω µ strip
RF IN
J1
VCC
C13
100
pF
C3
4.7 pF
C4
4.7 pF
C7
33 pF
L1
2.7 nH
C5
100 pF
C2
6.2 pF
RF OUT
J2
L3
10 nH
C6
33 pF
L2
10 nH
VCC
C8
10
µF
C9
100 pF
50
Ω µ strip
2131400A
R1
0
Ω
P1-1
P1-3
P1
VCC
GND
1
2
3
PC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com