Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2131PCBA Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2131PCBA
Description  HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2131PCBA Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2131PCBA Datasheet HTML 2Page - RF Micro Devices RF2131PCBA Datasheet HTML 3Page - RF Micro Devices RF2131PCBA Datasheet HTML 4Page - RF Micro Devices RF2131PCBA Datasheet HTML 5Page - RF Micro Devices RF2131PCBA Datasheet HTML 6Page - RF Micro Devices RF2131PCBA Datasheet HTML 7Page - RF Micro Devices RF2131PCBA Datasheet HTML 8Page - RF Micro Devices RF2131PCBA Datasheet HTML 9Page - RF Micro Devices RF2131PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2-105
RF2131
Rev B4 010417
2
Application Schematic 2
Optimized for Power and Efficiency over 4.0V to 4.8V
This application circuit differs from Application schematic 1 only slightly in the output tuning. The output shunt capacitor
has been moved 0.060” closer to the device, and has increased from 5.6 pF to 6.2pF. This retuning allows over
+30.8dBm of output power to be achieved down to 4.0V, however a couple of percent points of efficiency are sacrificed.
This implementation is recommended for some additional margin on output power.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BIAS
100 nF
100 pF
RF IN
10 nF
V
CC
10 nF
100 pF
10 nH
4.7 pF
10 nH
4.7 pF
2.7 nH
100 pF
RF OUT
6.2 pF
33 pF
V
CC
100 pF
100 nF
33 pF
V
CC
0.140"
VPC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com