Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2137 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2137
Description  LINEAR POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2137 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2137 Datasheet HTML 1Page - RF Micro Devices RF2137 Datasheet HTML 2Page - RF Micro Devices RF2137 Datasheet HTML 3Page - RF Micro Devices RF2137 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2-116
RF2137
Rev B2 010720
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (No RF)
-0.5 to +8.0
VDC
Supply Voltage (POUT<31dBm)
-0.5 to +6.0
VDC
Power Control Voltage (VPC)
-0.5to+6.0orVCC
V
DC Supply Current
800
mA
Input RF Power
+12
dBm
Output Load VSWR
10:1
Ambient Operating Temperature
-30 to +90
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=5.0 V, VPC=3.6V,
Freq= 824MHz to 849MHz
Usable Frequency Range
800
824 to 849
950
MHz
Linear Gain
25
27
29
dB
Total Linear Efficiency
40
45
%
Efficiency at Max Output
50
55
%
OFF Isolation
27
dB
VPC=0V,PIN=+6dBm
Second Harmonic
-30
dBc
Including Second Harmonic Trap
Maximum Linear Output Power
28.5
29
dBm
IS-95A CDMA Modulation
Adjacent Channel Power @
885kHz offset
-46
-44
dBc
Pout = 28 dBm
ACPR can be improved by trading off effi-
ciency.
Adjacent Channel Power @
1.98MHz offset
-58
-56
dBc
Pout = 28 dBm
Max CW Output Power
31.5
+32.0
dBm
Input VSWR
<2:1
Output Load VSWR
10:1
No oscillations
Power Down
Turn On/Off Time
100
ns
Total Current
10
µA
“OFF” State
VPC “OFF” Voltage
0.2
0.5
V
Threshold Voltage at Input
VPC “ON” Voltage
3.6
Vcc
V
Threshold Voltage at Input
Power Supply
Power Supply Voltage
4.2
5.0
6.0
V
Operating voltage
Idle Current
40
100
mA
VPC=4.0V
Current into VPC pin
15
20
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).
Refer to “Handling of PSOP and PSSOP Products”
on page 16-15 for special handling information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com