Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2137 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2137
Description  LINEAR POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2137 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2137 Datasheet HTML 1Page - RF Micro Devices RF2137 Datasheet HTML 2Page - RF Micro Devices RF2137 Datasheet HTML 3Page - RF Micro Devices RF2137 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2-117
RF2137
Rev B2 010720
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Pin
Function
Description
Interface Schematic
1VCC
Power supply for the driver stage, and interstage matching. Shunt
inductance is required on this pin, which can be achieved by an induc-
tor to VCC, with a decoupling capacitor on the VCC side. The value of
the inductor is frequency dependent; 3.3nH is required for 830MHz,
and 1.2nH for 950MHz. Instead of an inductor, a high impedance
microstrip line can be used.
2RF IN
RF input. This is a 50
Ω input, but the actual input impedance depends
on the interstage matching network connected to pin 1. An external DC
blocking capacitor is required if this port is connected to a DC path to
ground or a DC voltage.
See pin 1.
3GND
Ground connection. Keep traces physically short and connect immedi-
ately to the ground plane for best performance.
4PC
Power Control. When this pin is "low", all circuits are shut off. A "low" is
typically 0.5V or less at room temperature. During normal operation
this pin is the power control. Control range varies from about 2V for
0dBm to VCC for +31dBm RF output power. The maximum power that
can be achieved depends on the actual output matching. PC should
never exceed 6.0V or VCC, whichever is lowest.
5RF OUT
RF Output and power supply for the output stage. The three output pins
are combined, and bias voltage for the final stage is provided through
these pins. The external path must be kept symmetric until combined to
ensure stability. An external matching network is required to provide the
optimum load impedance; see the application schematics for details.
6RF OUT
Same as pin 5.
See pin 5.
7RF OUT
Same as pin 5.
See pin 5.
8RF OUT
Same as pin 5.
See pin 5.
Pkg
Base
GND
Ground connection. The backside of the package should be connected
to the ground plane through a short path, i.e., vias under the device
may be required.
RF IN
VCC
From Bias
Stages
PC
To RF
Transistors
RF OUT
From Bias
Stages
1
2
3
4
8
7
6
5
BIAS
PACKAGE BASE
R1
10 k
C3
100 pF
C7
1nF
50
Ωµstrip
RF IN
J1
L1
1.8 nH
VCC
L2
4.7 nH
C1
1.5 pF
C5
100 pF
C9
1nF
C8
3.3
µF
L3
1.5 nH
C2
7.5 pF
C4
100 pF
50
Ωµstrip
RF OUT
J2
PC
C6
100 pF
2137400A
P1-1
P1-3
P1
VCC
GND
1
2
3
PC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com